Electronic Components Datasheet Search
  English  ▼

X  

LT3021 Datasheet(PDF) 15 Page - Linear Technology

Part # LT3021
Description  Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3021 Datasheet(HTML) 15 Page - Linear Technology

Back Button LT3021 Datasheet HTML 11Page - Linear Technology LT3021 Datasheet HTML 12Page - Linear Technology LT3021 Datasheet HTML 13Page - Linear Technology LT3021 Datasheet HTML 14Page - Linear Technology LT3021 Datasheet HTML 15Page - Linear Technology LT3021 Datasheet HTML 16Page - Linear Technology LT3021 Datasheet HTML 17Page - Linear Technology LT3021 Datasheet HTML 18Page - Linear Technology LT3021 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LT3029
15
3029fa
APPLICATIONS INFORMATION
Table 2. DE Package, 16-Lead DFN
COPPER AREA
THERMAL RESISTANCE
(JUNCTION-TO-AMBIENT)
TOPSIDE*
BACKSIDE
BOARD AREA
2500mm2
2500mm2
2500mm2
36°C/W
1000mm2
2500mm2
2500mm2
37°C/W
225mm2
2500mm2
2500mm2
38°C/W
100mm2
2500mm2
2500mm2
40°C/W
*Device is mounted on topside.
Table 3. MSE Package, 16-Lead MSOP
COPPER AREA
BOARD AREA
THERMAL RESISTANCE
(JUNCTION-TO-AMBIENT)
TOPSIDE*
BACKSIDE
2500mm2
2500mm2
2500mm2
35°C/W
1000mm2
2500mm2
2500mm2
36°C/W
225mm2
2500mm2
2500mm2
37°C/W
100mm2
2500mm2
2500mm2
39°C/W
*Device is mounted on topside.
The junction-to-case thermal resistance (
θJC), measured
at the Exposed Pad on the back of the die, is 4.3°C/W for
the DFN package, and 5°C/W to 10°C/W for the MSOP
package.
Calculating Junction Temperature
Example: Channel 1’s output voltage is set to 1.8V. Chan-
nel 2’s output voltage is set to 1.5V. Each channel’s input
voltage is 2.5V. Each channel’s output current range is
0mA to 500mA. The application has a maximum ambient
temperature of 50°C. What is the LT3029’s maximum
junction temperature?
The power dissipated by each channel equals:
IOUT(MAX)(VIN – VOUT) + IGND(VIN)
where for each output:
IOUT(MAX) = 500mA
VIN = 2.5V
IGND at (IOUT = 500mA, VIN = 2.5V) = 8.5mA
So, for output 1:
P = 500mA (2.5V – 1.8V) + 8.5mA (2.5V) = 0.37W
For output 2:
P = 500mA (2.5V – 1.5V) + 8.5mA (2.5V) = 0.52W
The thermal resistance is in the range of 35°C/W to 40°C/W,
depending on the copper area. So, the junction temperature
rise above ambient temperature approximately equals:
(0.37W + 0.52W) 39°C/W = 34.7°C
The maximum junction temperature then equals the maxi-
mum ambient temperature plus the maximum junction
temperature rise above ambient temperature, or:
TJMAX = 50°C + 34.7°C = 84.7°C
Protection Features
The LT3029 regulator incorporates several protection fea-
tures that make it ideal for use in battery-powered circuits.
In addition to the normal protection features associated
with monolithic regulators, such as current limiting and
thermal limiting, the device protects itself against reverse
input voltages and reverse voltages from output to input.
The two regulators have independent inputs, a common
GND pin and are thermally coupled. However, the two
channels of the LT3029 operate independently. Each
channel’s output can be shut down independently, and
a fault condition on one output does not affect the other
output electrically, unless the thermal shutdown circuitry
is activated.
Current limit protection and thermal overload protection
protect the device against current overload conditions at
each output of the LT3029. For normal operation, do not
allow the junction temperature to exceed 125°C (LT3029E/
LT3029I/LT3029MP) or 150°C (LT3029H). The typical ther-
mal shutdown temperature threshold is 165°C and the
circuitry incorporates approximately 5°C of hysteresis.
Each channel’s input withstands reverse voltages of 22V.
Current flow into the device is limited to less than 1mA
(typically less than 100μA) and no negative voltage appears
at the respective channel’s output. The device protects
both itself and the load against batteries that are plugged
in backwards.
The LT3029 incurs no damage if either channel’s output
is pulled below ground. If the input is left open-circuit, or
grounded, the output can be pulled below ground by 22V.
The output acts like an open circuit, and no current flows
from the output. However, current flows in (but is limited
by) the external resistor divider that sets the output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com