Electronic Components Datasheet Search
  English  ▼

X  

IR3897MPBF Datasheet(PDF) 32 Page - International Rectifier

Part # IR3897MPBF
Description  4A HIGHLY INTEGRATED SUPLRBUCK
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3897MPBF Datasheet(HTML) 32 Page - International Rectifier

Back Button IR3897MPBF Datasheet HTML 28Page - International Rectifier IR3897MPBF Datasheet HTML 29Page - International Rectifier IR3897MPBF Datasheet HTML 30Page - International Rectifier IR3897MPBF Datasheet HTML 31Page - International Rectifier IR3897MPBF Datasheet HTML 32Page - International Rectifier IR3897MPBF Datasheet HTML 33Page - International Rectifier IR3897MPBF Datasheet HTML 34Page - International Rectifier IR3897MPBF Datasheet HTML 35Page - International Rectifier IR3897MPBF Datasheet HTML 36Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
- 32 -
AUGUST 08, 2012 |DATA SHEET |    Rev 3.3
32
IR3897 
4A Highly Integrated SupIRBuck
TM  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97663
APPLICATION DIAGRAM 
 
Boot
Vcc/LDO_out
Fb
Comp
Gnd
PGnd
SW
S_Ctrl
Vo
PGood
PGood
Enable
Rt/Sync
Vin=12 V
Vin
Vp
R5
3.32k
2.37K
Co=4X22uF
Lo
1.5 uH
C4
2.2nF
R4
100
R3
3.01K
C3
10nF
C2
120pF
C1
0. 1 uF
Cin = 2 X 10uF
Rt
39.2
.K
RPG
49.9K
R1
49.9K
R2
7.5K
IR3897
2.2uF
CVcc
PVin
Vref
0.1uF
Cref
Vsns
R6
R7
3.32k
2.37K
R8
Cvin
1.0uF
U1
C5
0.1uF
C6
0.uF
 
Figure 28a: Application Circuit for a 12V to 1.2V, 4A Point of Load Converter 
 
Suggested bill of materials for the application circuit 
Part Reference
Qty
Value
Description
Manufacturer
Part Number
Cin
2
10uF
1206, 25V, X5R, 20%
TDK
C3216X5R1E106M
C1 C5 C6 Cref
4
0.1uF
0603, 25V, X7R, 10%
Murata
GRM188R71E104KA01B
C4
1
2200pF
0603,50V,X7R
Murata
GRM188R71H222KA01B
C2
1
120pF
0603, 50V, NP0, 5%
Murata
GRM1885C1H121JA01D
Co
4
22uF
0805, 6.3V, X5R, 20%
TDK
C2012X5R0J226M
CVcc
1
2.2uF
0603, 16V, X5R, 20%
TDK
C1608X5R1C225M
C3
1
10nF
0603, 25V, X7R, 10%
Murata
GRM188R71E103KA01J
Cvin
1
1.0uF
0603, 25V, X5R, 10%
Murata
GRM188R61E105KA12D
Lo
1
1.5H
SMD 7.05x6.6x4.8mm,6.7mΩ
Cyntec
PCMB065T-1R5MS
R3
1
3.01K
Thick Film, 0603,1/10W,1%
Panasonic
ERJ-3EKF3011V
R5 R7
2
3.32K
Thick Film, 0603,1/10W,1%
Panasonic
ERJ-3EKF3321V
R6 R8
2
2.37K
Thick Film, 0603,1/10W,1%
Panasonic
ERJ-3EKF2371V
R4
1
100
Thick Film, 0603,1/10W,1%
Panasonic
ERJ-3EKF1000V
Rt
1
39.2K
Thick Film, 0603,1/10W,1%
Panasonic
ERJ-3EKF3922V
R1 Rpg
2
49.9K
Thick Film, 0603,1/10W,1%
Panasonic
ERJ-3EKF4992V
R2
1
7.5K
Thick Film, 0603,1/10W,1%
Panasonic
ERJ-3EKF7551V
U1
1
IR3897
PQFN 4x5mm
IR
IR3897MPBF
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com