Electronic Components Datasheet Search
  English  ▼

X  

IR3898MPBF Datasheet(PDF) 34 Page - International Rectifier

Part # IR3898MPBF
Description  6A HIGHLY INTERGRATED SUPLRBUCK
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3898MPBF Datasheet(HTML) 34 Page - International Rectifier

Back Button IR3898MPBF Datasheet HTML 30Page - International Rectifier IR3898MPBF Datasheet HTML 31Page - International Rectifier IR3898MPBF Datasheet HTML 32Page - International Rectifier IR3898MPBF Datasheet HTML 33Page - International Rectifier IR3898MPBF Datasheet HTML 34Page - International Rectifier IR3898MPBF Datasheet HTML 35Page - International Rectifier IR3898MPBF Datasheet HTML 36Page - International Rectifier IR3898MPBF Datasheet HTML 37Page - International Rectifier IR3898MPBF Datasheet HTML 38Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
- 34 -
AUGUST 08, 2012 | DATA SHEET | Rev 3.3
34
IR3898
6A Highly Integrated SupIRBuckTM
Single-Input Voltage, Synchronous Buck Regulator
PD-97662
Boot
Vcc/LDO_out
Fb
Comp
Gnd
PGnd
SW
S_Ctrl
Vo=1V
PGood
Enable
Rt/Sync
Vin= 5 V
Vin
Vp
R5
3.32k
3.32k
Co=4X22uF
Lo
0.68uH
C4
2.2nF
R4
100
R3
2.0k
C3
10nF
C2
220pF
C1
0. 1 uF
Cin = 4 X10uF
Rt
39.2
. K
RPG
49.9K
IR 3898
2.2uF
CVcc
PVin
Vref
100pF
Cref
Vsns
R6
R7
3.32k
3.32k
R8
U1
C5
0.1uF
C6
0.1uF
PGood
Enable
Figure 29: Application Circuit for a 5V to 1V, 6A Point of Load Converter
Suggested bill of materials for the application circuit 5V to 1V
Part Reference
Qty
Value
Description
Manufacturer
Part Number
Cin
3
10uF
1206, 16V, X5R, 20%
TDK
C3216X5R1E106M
C1 C5 C6
3
0.1uF
0603, 25V, X7R, 10%
Murata
GRM188R71E104KA01B
Cref
1
1nF
0603,50V,X7R
Murata
GRM188R71H102KA01B
C4
1
2200pF
0603,50V,X7R, 10%
Murata
GRM188R71H222KA01B
C2
1
220pF
0603,50V,X7R, 10%
Murata
GRM188R71H221KA01D
Co
4
22uF
0805, 6.3V, X5R, 20%
TDK
C2012X5R0J226M
CVcc
1
2.2uF
0603, 16V, X5R, 20%
TDK
C1608X5R1C225M
C3
1
10nF
0603, 25V, X7R, 10%
Murata
GRM188R71E103KA01J
Lo
1
0.68uH
SMD 7.05x6.6x4.8 mm, 3.9mΩ
Cyntec
PCMB065T-R68MS
R3
1
2.0K
Thick Film, 0603,1/10W,1%
Panasonic
ERJ-3EKF2001V
R5 R6 R7 R8
4
3.32K
Thick Film, 0603,1/10W,1%
Panasonic
ERJ-3EKF3321V
R4
1
100
Thick Film, 0603,1/10W,1%
Panasonic
ERJ-3EKF1000V
Rt
1
39.2K
Thick Film, 0603,1/10W,1%
Panasonic
ERJ-3EKF3922V
Rpg
1
49.9K
Thick Film, 0603,1/10W,1%
Panasonic
ERJ-3EKF4992V
U1
1
IR3898
PQFN 4x5mm
IR
IR3898MPBF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com