Electronic Components Datasheet Search
  English  ▼

X  

LT3010 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3010
Description  250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3010 Datasheet(HTML) 5 Page - Linear Technology

  LT3010 Datasheet HTML 1Page - Linear Technology LT3010 Datasheet HTML 2Page - Linear Technology LT3010 Datasheet HTML 3Page - Linear Technology LT3010 Datasheet HTML 4Page - Linear Technology LT3010 Datasheet HTML 5Page - Linear Technology LT3010 Datasheet HTML 6Page - Linear Technology LT3010 Datasheet HTML 7Page - Linear Technology LT3010 Datasheet HTML 8Page - Linear Technology LT3010 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT3013
5
3013fe
TYPICAL PERFORMANCE CHARACTERISTICS
OUTPUT CURRENT (mA)
0
300
400
600
500
3013 G01
200
100
0
100
50
200
150
250
TJ = 125°C
TJ = 25°C
OUTPUT CURRENT (mA)
0
200
400
600
100
300
500
100
200
3013 G02
250
50
0
150
= TEST POINTS
TJ ≤ 125°C
TJ ≤ 25°C
TEMPERATURE (°C)
0
200
600
500
3013 G03
100
400
300
IL = 50mA
IL = 10mA
IL = 250mA
IL = 100mA
IL = 1mA
–50
0
50
75
–25
25
100
150
125
0
40
120
100
20
80
60
–50
0
50
75
–25
25
100
150
125
TEMPERATURE (°C)
3013 G04
VSHDN = VIN
VSHDN = GND
VIN = 6V
RL = ∞
IL = 0
TEMPERATURE (°C)
1.255
3013 G05
1.240
1.230
1.225
1.220
1.260
1.250
1.245
1.235
IL = 1mA
–50
0
50
75
–25
25
100
150
125
Typical Dropout Voltage
Guaranteed Dropout Voltage
Dropout Voltage
Quiescent Current
ADJ Pin Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com