Electronic Components Datasheet Search
  English  ▼

X  

LT3010H Datasheet(PDF) 14 Page - Linear Technology

Part # LT3010H
Description  250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3010H Datasheet(HTML) 14 Page - Linear Technology

Back Button LT3010H Datasheet HTML 10Page - Linear Technology LT3010H Datasheet HTML 11Page - Linear Technology LT3010H Datasheet HTML 12Page - Linear Technology LT3010H Datasheet HTML 13Page - Linear Technology LT3010H Datasheet HTML 14Page - Linear Technology LT3010H Datasheet HTML 15Page - Linear Technology LT3010H Datasheet HTML 16Page - Linear Technology LT3010H Datasheet HTML 17Page - Linear Technology LT3010H Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LT3013
14
3013fe
APPLICATIONS INFORMATION
Figure 4 shows a block diagram of the PWRGD circuit. At
startup, the timing capacitor is discharged and the PWRGD
pin will be held low. As the output voltage increases and
the ADJ pin crosses the 90% threshold, the JK flip-flop
is reset, and the 3μA current source begins to charge the
timing capacitor. Once the voltage on the CT pin reaches
the VCT(HIGH) threshold (approximately 1.7V at 25°C), the
capacitor voltage is clamped and the PWRGD pin is set to
a high impedance state.
During normal operation, an internal glitch filter will ignore
short transients (<15μs). Longer transients below the 90%
threshold will reset the JK flip-flop. This flip-flop ensures
that the capacitor on the CT pin is quickly discharged all
the way to the VCT(LOW) threshold before re-starting the
time delay. This provides a consistent time delay after the
ADJ pin is within 10% of the regulated voltage before the
PWRGD pin switches to high impedance.
Thermal Considerations
The power handling capability of the device will be limited
by the maximum rated junction temperature (125°C
for LT3013E, LT3013MP or 140°C for LT3013HFE). The
power dissipated by the device will be made up of two
components:
1. Output current multiplied by the input/output voltage
differential: IOUT • (VIN – VOUT) and,
2. GND pin current multiplied by the input voltage:
IGND • VIN.
The GND pin current can be found by examining the GND Pin
Current curves in the Typical Performance Characteristics.
Power dissipation will be equal to the sum of the two
components listed above.
The LT3013 has internal thermal limiting designed
to protect the device during overload conditions. For
continuous normal conditions the maximum junction
temperature rating of 125°C (E-grade, MP-grade) or 140°C
(H-grade)must not be exceeded. It is important to give
careful consideration to all sources of thermal resistance
from junction to ambient. Additional heat sources mounted
nearby must also be considered.
Q
J
K
VREF • 90%
ADJ
VCT(LOW)
~0.1V
VCT(HIGH) – VBE
(~1.1V)
ICT 3μA
CT
3013 F04
–
+
PWRGD
Figure 4. PWRGD Circuit Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com