Electronic Components Datasheet Search
  English  ▼

X  

LT3012H Datasheet(PDF) 18 Page - Linear Technology

Part # LT3012H
Description  250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3012H Datasheet(HTML) 18 Page - Linear Technology

Back Button LT3012H Datasheet HTML 12Page - Linear Technology LT3012H Datasheet HTML 13Page - Linear Technology LT3012H Datasheet HTML 14Page - Linear Technology LT3012H Datasheet HTML 15Page - Linear Technology LT3012H Datasheet HTML 16Page - Linear Technology LT3012H Datasheet HTML 17Page - Linear Technology LT3012H Datasheet HTML 18Page - Linear Technology LT3012H Datasheet HTML 19Page - Linear Technology LT3012H Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LT3013
18
3013fe
BOOST
VIN
6
2
10
12
D1
10MQ060N
R1
15.4k
VOUT
5V
1A/250mA
4
1
14
11
7
3
5
15
14
11
CC
1nF
FOR INPUT VOLTAGES BELOW 7.5V,
SOME RESTRICTIONS MAY APPLY
INCREASE L1 TO 30μH FOR LOAD
CURRENTS ABOVE 0.6A AND TO
60μH ABOVE 1A
1, 8, 9, 16
LT1766
SHDN
SYNC
SW
BIAS
FB
VC
GND
C2
0.33μF
C1
100μF 10V
SOLID
TANTALUM
L1
†
15μH
D2
D1N914
R2
4.99k
3013 TA03
750k
249k
C3
4.7μF
100V
CERAMIC
VIN
5.5V*
TO 60V
+
ADJ
OUT
IN
SHDN
PWRGD
LT3013
GND
10
CT
OPERATING
CURRENT
HIGH
LOW
*
†
100k
1000pF
5V Buck Converter with Low Current Keep Alive Backup
TYPICAL APPLICATIONS
LOAD CURRENT (A)
0
80
90
100
1.00
3013 TA04
70
60
50
0.25
0.50
0.75
1.25
VIN = 10V
VIN = 42V
VOUT = 5V
L = 68μH
+
ADJ
OUT
IN
SHDN
LT3013
GND
ON
OFF
1μF
3.3μF
750k
VIN
12V
(LATER 42V)
LOAD: CLOCK,
SECURITY SYSTEM
ETC
+
–
ADJ
OUT
IN
SHDN
LT3013
GND
ON
OFF
1μF
3.3μF
VIN
48V
(72V TRANSIENT)
LOAD:
SYSTEM MONITOR
ETC
NO PROTECTION
DIODE NEEDED!
NO PROTECTION
DIODE NEEDED!
3013 TA05
BACKUP
BATTERY
249k
750k
249k
LT3013 Automotive Application
LT3013 Telecom Application
Buck Converter
Efficiency vs Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com