Electronic Components Datasheet Search
  English  ▼

X  

TC358740 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC358740
Description  TC358743 Camera Serial Interface Converter Chipset (HDMI to MIPI짰)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC358740 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC358740 Datasheet HTML 1Page - Toshiba Semiconductor TC358740 Datasheet HTML 2Page - Toshiba Semiconductor TC358740 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
– Support for EDID (Extended Display Identification
Data)
• Release A, Revision 1 (Feb 9, 2000)
• First 128 byte (EDID 1.3 structure)
• First E-EDID Extension: 128 bytes of CEA
Extension version 3 (specified in CEA-861-D)
• Embedded 1K-byte SRAM (EDID_SRAM)
– Maximum HDMI clock speed: 165 MHz
• Does not support Audio Return Path and HDMI
Ethernet Channels
CSI-2 TX Interface
• MIPI CSI-2 compliant
(Version 1.01 Revision 0.04 – 2 April 2009)
– Supports up to 4 data lanes
• Supports up to 1 Gbps per data lane
– Video, Audio and InfoFrame data can be
transmitted
I
2C Slave Interface
• Support for normal mode (100 KHz), fast mode (400
KHz), and ultra fast mode (2 MHz)
• Configure all H2C internal registers
Audio Output Interface
Either I
2S or TDM Audio interface available (pins are
multiplexed)
I
2S Audio Interface
• Single stereo channel
• Support Master Clock mode only
• Support 16, 18, 20 or 24-bit data (based on HDMI
input stream)
• Support for left-justify or right-justify with MSB first
TDM (Time Division Multiplexed) Audio Interface
• Single data link
• Support Master Clock mode only
• Up to 2,4,6 or 8 channels (based on HDMI input
stream)
• Support 16, 18, 20 or 24-bit PCM audio data word
(based on HDMI input stream)
InfraRed (IR)
• Support NEC InfraRed protocol
Power Supply Inputs
• Core and MIPI D-PHY: 1.2V
• I/O: 1.8V – 3.3V
• HDMI: 3.3V
• APLL: 3.3V/2.5V
Package
• TC358743XBG: 64-pin, 6.0 x 6.0 mm,
0.65 mm ball pitch, 1.2 mm height
Product Brief
TC358743 Camera Serial Interface Converter Chipset (HDMI to MIPI
○
R )
North America
Toshiba America Electronic Components Inc
Irvine, CA
San Jose, CA
TEL: (949) 623-2900
TEL: (408) 526-2400
Sales Offices
Europe
Toshiba Electronics Europe GmbH
Düsseldorf, Germany
Puteaux Cedex, France
TEL:
(0211) 5296-0
TEL:
(1) 47282181
Farnborough, Hampshire , U.K.
TEL:
(0870) 060-2370
ASIA
Toshiba Electronics (Shanghai) Co.,Ltd
Toshiba Electronics Asia Ltd
Shanghai, China
Shenzhen, China
Hong Kong
TEL:
(021) 6139-3888
TEL:
(0755) 2399-6897
TEL:
2375-6111
Toshiba Electronics Asia(Singapore) Pte. Ltd.
Toshiba Electronics Taiwan Corp.
TEL:
(6278) 5252
Taipei City
TEL:
(02) 2508-9988:
Toshiba Electronics Korea Corp.
Seoul
TEL:
(02) 3484-4334



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com