Electronic Components Datasheet Search
  English  ▼

X  

TC358762 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC358762
Description  TC358766 Display Bridge for DisplayPort??Connectivity
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC358762 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC358762 Datasheet HTML 1Page - Toshiba Semiconductor TC358762 Datasheet HTML 2Page - Toshiba Semiconductor TC358762 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Features
DSI Receiver
• MIPI DSI: v1.01 / MIPI D-PHY: v1.0 compliant.
• Up to four (4) data lanes with bi-directional support on
Data Lane 0.
• Maximum speed at 1 Gbps/lane.
• Video input data formats:
– RGB-565, RGB-666 and RGB-888.
– New DSI V1.02 data type support: 16-bit YCbCr 422
• Interlaced video mode is not supported.
DPI Receiver
• Maximum speed at 154 MHz.
• Video input data formats: RGB-565, RGB-666 and
RGB-888.
I
2S Audio Interface
• Supports sampling frequencies of 32, 44.1, 48, 88.2,
96, 176.4 & 192 KHz.
• Supports up to 2 audio channels.
• Optionally inserts IEC60958 status bits and preamble
bits per channel.
DisplayPort Interface
• High-speed serial bridge chip using VESA DisplayPort
1.1a standard.
• Supports one dual-lane port for high bandwidth
application or two single-lane ports for connection to
two DisplayPort panels.
• Supports 1.62 or 2.7 Gbps/lane data rate with voltage
swings @0.4, 0.6, 0.8 or 1.2V
• Support of pre-emphasis levels of 0, 3.5 dB and 6 dB.
• AUX channel supported at 1 Mbps.
• Supports HDCP encryption Version 1.3 Amendment
for DisplayPort Revision 1.1.
• SSCG with ~30 KHz modulation to reduce EMI.
I
2C Interface
• I
2C slave interface for debugging and/or chip register
set access.
SPI Interface
• SPI slave interface for chip register set access.
• SPI interface support for up to 30 MHz operation.
Clock Source
• DisplayPort clock source can be derived from an
external clock input or from the DSI clock. Acceptable
clock values from external source or DSI clock
derivatives are 13, 26, 19.2 or 38.4 MHz.
Power Supply Inputs
• Core and MIPI D-PHY: 1.2V
• Digital I/O: 1.8V
• DisplayPort PHY and PLL: 1.8V and 1.2V
Package
• TC358766XBG: 120-pin, 6.0 mm x 6.0 mm,
0.5 mm ball pitch, 1.0 mm height
North America
Toshiba America Electronic Components Inc
Irvine, CA
San Jose, CA
TEL: (949) 623-2900
TEL: (408) 526-2400
Product Brief
TC358766 Display Bridge for DisplayPort™ Connectivity
Sales Offices
Europe
Toshiba Electronics Europe GmbH
Düsseldorf, Germany
Puteaux Cedex, France
TEL:
(0211) 5296-0
TEL:
(1) 47282181
Farnborough, Hampshire , U.K.
TEL:
(0870) 060-2370
ASIA
Toshiba Electronics (Shanghai) Co.,Ltd
Toshiba Electronics Asia Ltd
Shanghai, China
Shenzhen, China
Hong Kong
TEL:
(021) 6139-3888
TEL:
(0755) 2399-6897
TEL:
2375-6111
Toshiba Electronics Asia(Singapore) Pte. Ltd.
Toshiba Electronics Taiwan Corp.
TEL:
(6278) 5252
Taipei City
TEL:
(02) 2508-9988:
Toshiba Electronics Korea Corp.
Seoul
TEL:
(02) 3484-4334



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com