Electronic Components Datasheet Search
  English  ▼

X  

CXD2492R Datasheet(PDF) 5 Page - Sony Corporation

Part # CXD2492R
Description  Timing Generator for Frame Readout CCD Image Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2492R Datasheet(HTML) 5 Page - Sony Corporation

  CXD2492R Datasheet HTML 1Page - Sony Corporation CXD2492R Datasheet HTML 2Page - Sony Corporation CXD2492R Datasheet HTML 3Page - Sony Corporation CXD2492R Datasheet HTML 4Page - Sony Corporation CXD2492R Datasheet HTML 5Page - Sony Corporation CXD2492R Datasheet HTML 6Page - Sony Corporation CXD2492R Datasheet HTML 7Page - Sony Corporation CXD2492R Datasheet HTML 8Page - Sony Corporation CXD2492R Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
– 5 –
CXD2492R
Electrical Characteristics
DC Characteristics
(Within the recommended operating conditions)
VDD2
VDD3
VDD4
VDD1, VDD5
RST
SSI, SCK,
SEN,
TEST1,
TEST2
SNCSL,
SSGSL
VD, HD
H1, H2
RG
XSHP, XSHD,
XRS, PBLK,
OBCLP,
CLPDM,
ADCLK
CKO
MCKO
V1A, V1B,
V3A, V3B,
V2, V4
SUB
VDDa
VDDb
VDDc
VDDd
Vt+
Vt–
Vt+
Vt–
VIH1
VIL1
VIH2
VIL2
VIH3
VIL3
VOH1
VOL1
VOH2
VOL2
VOH3
VOL3
VOH5
VOL5
VOH6
VOL6
IOL
IOM1
IOM2
IOH
IOSL
IOSH
3.0
3.0
3.0
3.0
0.8VDDd
0.8VDDd
0.7VDDd
0.7VDDd
0.8VDDd
VDDd – 0.8
VDDb – 0.8
VDDa – 0.8
VDDd – 0.8
VDDd – 0.8
10.0
5.0
5.4
3.3
3.3
3.3
3.3
3.6
5.5
3.6
3.6
0.2VDDd
0.2VDDd
0.2VDDd
0.3VDDd
0.2VDDd
0.4
0.4
0.4
0.4
0.4
–5.0
–7.2
–4.0
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
mA
mA
mA
mA
mA
mA
Feed current where IOH = –1.2mA
Pull-in current where IOL = 2.4mA
Feed current where IOH = –22.0mA
Pull-in current where IOL = 14.4mA
Feed current where IOH = –3.3mA
Pull-in current where IOL = 2.4mA
Feed current where IOH = –6.9mA
Pull-in current where IOL = 4.8mA
Feed current where IOH = –3.3mA
Pull-in current where IOL = 2.4mA
V1A/B, V2, V3A/B, V4 = –8.25V
V1A/B, V2, V3A/B, V4 = –0.25V
V1A/B, V3A/B = 0.25V
V1A/B, V3A/B = 14.75V
SUB = –8.25V
SUB = 14.75V
Supply voltage 1
Supply voltage 2
Supply voltage 3
Supply voltage 4
Input voltage 1∗1
Input voltage 2∗2
Input voltage 3∗3
Input voltage 4∗4
Input/output
voltage
Output voltage 1
Output voltage 2
Output voltage 3
Output voltage 4
Output voltage 5
Output current 1
Output current 2
Item
Pins
Symbol
Conditions
Min.
Typ.
Max.
Unit
∗1 This input pin is a schmitt trigger input and it does not have protective diode of the power supply side in the IC.
∗2 These input pins are schmitt trigger inputs.
∗3 These input pins are with pull-down resistor in the IC.
∗4 These input pins are with pull-down resistor in the IC and they do not have protective diode of the power
supply side in the IC.
Note) The above table indicates the condition for 3.3V drive.
VOH4
VOL4
Feed current where IOH = –3.3mA
Pull-in current where IOL = 2.4mA
VDDc – 0.8
0.4
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com