Electronic Components Datasheet Search
  English  ▼

X  

TCR2EN21 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TCR2EN21
Description  200 mA CMOS Low Drop-Out Regulator in ultra small package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR2EN21 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TCR2EN21 Datasheet HTML 1Page - Toshiba Semiconductor TCR2EN21 Datasheet HTML 2Page - Toshiba Semiconductor TCR2EN21 Datasheet HTML 3Page - Toshiba Semiconductor TCR2EN21 Datasheet HTML 4Page - Toshiba Semiconductor TCR2EN21 Datasheet HTML 5Page - Toshiba Semiconductor TCR2EN21 Datasheet HTML 6Page - Toshiba Semiconductor TCR2EN21 Datasheet HTML 7Page - Toshiba Semiconductor TCR2EN21 Datasheet HTML 8Page - Toshiba Semiconductor TCR2EN21 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TCR2EN series
2012-05-23
5
Application Note
1.
Recommended Application Circuit
The figure above shows the recommended configuration for using a Low-Dropout regulator. Insert a capacitor
at VOUT and VIN pins for stable input/output operation. (Ceramic capacitors can be used).
2.
Power Dissipation
Power dissipation is measured on the board condition shown below.
[The Board Condition]
Board material: Glass epoxy(FR4)
Board dimension: 40mm x 40mm (both sides of board),t=1.8mm
Metal pattern ratio: a surface approximately 50%, the reverse side approximately 50%
Through hole: diameter 0.5mm x 24
CONTROL
voltage
Output
voltage
HIGH
ON
LOW
OFF
OPEN
OFF
VOUT
GND
VIN
CONTROL
1.0
μF
0.1
μF
Ambient temperature Ta (℃)
−40
0
0
40
120
80
100
200
300
400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com