Electronic Components Datasheet Search
  English  ▼

X  

TPSMA10 Datasheet(PDF) 3 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # TPSMA10
Description  Surface Mount Automotive Transient Voltage Suppressors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

TPSMA10 Datasheet(HTML) 3 Page - Shenzhen Taychipst Electronic Co., Ltd

  TPSMA10 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd TPSMA10 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd TPSMA10 Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3 of 3
RATINGS AND CHARACTERISTIC CURVES
TPSMA6.8/A
THRU
TPSMA43/A
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
Fig.1 – Peak Pulse Power Rating Curve
0.1
1.0
10
100
0.1
µs
1.0
µs10µs
100
µs
1.0ms
10ms
V(BR), Breakdown Voltage (V)
10
100
1,000
10,000
1
10
100
200
td, Pulse Width, sec.
Fig. 4 – Typical Junction Capacitance
Fig. 2 – Pulse Derating Curve
0
25
50
75
100
0
50
100
150
200
TA, Ambient Temperature (
°C)
TJ = 25
°C
f = 1 MHz
Vsig = 50mVp-p
VR measured
at zero bias
VR measured
at stand-off
voltage, VWM
TA = 25
°C
Non-repetitive pulse
waveform shown in Fig. 3
0.2 x 0.2" (5.0 x 5.0mm)
copper pad areas
200
100
Number of Cycles at 60 Hz
10
50
110
50
5
100
TJ = TJ max
8.3ms single half sine-wave
(JEDEC method)
Fig. 5 – Maximum Non-Repetitive
Peak Forward Surge Current
0
50
100
150
Fig. 3 – Pulse Waveform
TJ = 25
°C
Pulse Width (td)
is defined as the point
where the peak current
decays to 50% of IPPM
tr = 10
µsec.
Peak Value
IPPM
Half Value — IPP
IPPM
2
td
10/1000
µsec. Waveform
as defined by R.E.A.
0
1.0
2.0
3.0
4.0
t — Time (ms)
Surface Mount Automotive Transient Voltage Suppressors
TPSMA6.8/A THRU TPSMA43/A
6.8V-43V 1.0mA-10mA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com