Electronic Components Datasheet Search
  English  ▼

X  

TMP87PS68DFG Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TMP87PS68DFG
Description  TLCS-870 Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP87PS68DFG Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TMP87PS68DFG Datasheet HTML 1Page - Toshiba Semiconductor TMP87PS68DFG Datasheet HTML 2Page - Toshiba Semiconductor TMP87PS68DFG Datasheet HTML 3Page - Toshiba Semiconductor TMP87PS68DFG Datasheet HTML 4Page - Toshiba Semiconductor TMP87PS68DFG Datasheet HTML 5Page - Toshiba Semiconductor TMP87PS68DFG Datasheet HTML 6Page - Toshiba Semiconductor TMP87PS68DFG Datasheet HTML 7Page - Toshiba Semiconductor TMP87PS68DFG Datasheet HTML 8Page - Toshiba Semiconductor TMP87PS68DFG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TMP87PS68
II
2008-03-06
1. Part number
2. Package code and dimensions
Previous Part Number
(in Body Text)
Previous Package Code
(in Body Text)
New Part Number
New Package Code
OTP
TMP87PS68DF
LQFP80-P-1212-0.50A
TMP87PS68DFG
LQFP80-P-1212-0.50F
—
*: For the dimensions of the new package, see the attached Package Dimensions diagram.
3. Addition of notes on lead solderability
The following solderability test is conducted on the new device.
Lead solderability of Pb-free devices (with the G suffix)
Test
Test Conditions
Remark
Solderability
(1) Use of Lead (Pb)
·
solder bath temperature
= 230°C
·
dipping time
= 5 seconds
·
the number of times
= once
·
use of R-type flux
(2) Use of Lead (Pb)-Free
·
solder bath temperature
= 245°C
·
dipping time
= 5 seconds
·
the number of times
= once
·
use of R-type flux
Leads with over 95% solder coverage
till lead forming are acceptable.
4. RESTRICTIONS ON PRODUCT USE
The following replaces the “RESTRICTIONS ON PRODUCT USE” on page 1 of body text.
5. Publication date of the datasheet
The publication date of this datasheet is printed at the lower right corner of this notification.
RESTRICTIONS ON PRODUCT USE
20070701-EN
• The information contained herein is subject to change without notice.
• TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor
devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical
stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety
in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such
TOSHIBA products could cause loss of human life, bodily injury or damage to property.
In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as
set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and
conditions set forth in the “Handling Guide for Semiconductor Devices,” or “TOSHIBA Semiconductor Reliability
Handbook” etc.
• The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer,
personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These
TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high
quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury
(“Unintended Usage”). Unintended Usage include atomic energy control instruments, airplane or spaceship
instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical
instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall
be made at the customer’s own risk.
• The products described in this document shall not be used or embedded to any downstream products of which
manufacture, use and/or sale are prohibited under any applicable laws and regulations.
• The information contained herein is presented only as a guide for the applications of our products. No responsibility
is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its
use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third
parties.
• Please contact your sales representative for product-by-product details in this document regarding RoHS
compatibility. Please use these products in this document in compliance with all applicable laws and regulations that
regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring
as a result of noncompliance with applicable laws and regulations.
• For a discussion of how the reliability of microcontrollers can be predicted, please refer to Section 1.3 of the chapter
entitled Quality and Reliability Assurance/Handling Precautions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com