Electronic Components Datasheet Search
  English  ▼

X  

TPD1053F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPD1053F
Description  Motor, Solenoid, Lamp Drivers High-side Power Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1053F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPD1053F Datasheet HTML 1Page - Toshiba Semiconductor TPD1053F Datasheet HTML 2Page - Toshiba Semiconductor TPD1053F Datasheet HTML 3Page - Toshiba Semiconductor TPD1053F Datasheet HTML 4Page - Toshiba Semiconductor TPD1053F Datasheet HTML 5Page - Toshiba Semiconductor TPD1053F Datasheet HTML 6Page - Toshiba Semiconductor TPD1053F Datasheet HTML 7Page - Toshiba Semiconductor TPD1053F Datasheet HTML 8Page - Toshiba Semiconductor TPD1053F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TPD1053F
2012-01-13
3
Timing Chart
Truth Table
Input signal
VIN
Output voltage
VOUT
Output state
Operating state
L
L
off
H
H
on
Normal
L
H (Note 2)
off
H
H
on
Load open
L
L
off
H
L
Current limit
(Switching)
Load short
L
L
off
H
L
off
Over temperature
Note 2: Internal voltage in TPD1053F and external voltage decide this output voltage.
Input
signal
VIN
Output voltage
VOUT
Diagnosis
VDIAG
Diagnosis state
VOUT < VSL
L
Normally off
L
VOUT ≥ VSH
H
Load open
VOUT ≥ VDD-VOC
H
Normally on
H
VOUT < VDD-VOC
L
Over current(Load short),
Over temperature
VSH,VSL : Schmitt inverter threshold voltage(VSH=2.2V(Typ.), VSL=1.8V(Typ.) @VDD=12V, Tch=25°C)
VOC : Over current detection threshold voltage
Input signal VIN
Overcurrent
detection
Load resistance
Output current Io
Channel
temperature
Overheating detection
150℃(Min)
Tch
Diagnosic output
VDIAG
Over current protection
(Current limit)
Thermal shutdown
(Output OFF)
Load open
detection
Output voltage
VOUT
Load open detection VSH
Load open detection
Resistance
Inductive load
Vclamp
Recovery
voltage VSL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com