Electronic Components Datasheet Search
  English  ▼

X  

ALC12 Datasheet(PDF) 2 Page - Kemet Corporation

Part # ALC12
Description  IEC 60384-4 Long Life Grade 40/85/56
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALC12 Datasheet(HTML) 2 Page - Kemet Corporation

  ALC12 Datasheet HTML 1Page - Kemet Corporation ALC12 Datasheet HTML 2Page - Kemet Corporation ALC12 Datasheet HTML 3Page - Kemet Corporation ALC12 Datasheet HTML 4Page - Kemet Corporation ALC12 Datasheet HTML 5Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
L
ØD
STYLE A = 6.3 ± 1
STYLE D = 4.0 ± 1
2 ± 0.1
10 ± 0.1
2.0max
3.75
- ve
30°
4HOLES ø2±0.1
ON A ø22.5PCD
+ ve
30°
2.0max
3.75
+ve
- ve
30°
30°
30°
5HOLES ø2±0.1
ON A ø25.0PCD
STYLE F = 4.0 ± 1
-
Ø2 ± 0.1 TYP
3.3 ± 0.1
Ø2.5 MIN
4.75 ± 0.1
10 ± 0.1
+ ve
STYLE C = 6.3 ± 1
STYLE E = 4.0 ± 1
- ve
30°
4HOLES ø2±0.1
ON A ø22.5PCD
+ ve
30°
-
STYLE G = 6.3 ± 1
STYLE H = 4.0 ±
STYLE J
STYLE K
1
+ve
- ve
30°
30°
30°
5HOLES ø2±0.1
ON A ø25.0PCD
description
2 pin
2 pin
3 pin
4 pin
4 pin
5 pin
5 pin
4 pin
5 pin
Pin length
6.3±1
4.0±1
4.0±1
6.3±1
4.0±1
6.3±1
4.0±1
5.75
5.75
code
a
d
f
c
E
g
h
J
k
dia. mm -0+1
sPEcification
terminal style
alc12 85°c
30
•
•
•
35
•
•
•
•
•
•
40
•
•
•
•
•
•
•
•
45
•
•
•
•
50
•
•
•
•
•
mounting
These capacitors are designed to be mounted by their terminations alone, and may be used in any position.
Dummy pins must be isolated on 4 and 5 pin styles.
30
CB (35)
CC (40)
CD (45)
CE (50)
CF (55)
35
DB (42)
DC (50)
DD (55)
DE (65)
DF (70)
DG (75)
DH (80)
DL (105)
40
EB (49)
EC (57)
ED (65)
EE (80)
EF (82)
EG (95)
EH (98)
EL (131)
EP (170)
45
FB (62)
FC (72)
FD (82)
FE (92)
FF (103)
FG (113)
FH (123)
FL (164)
FP (215)
50
KB (75)
KC (88)
KD (100)
KE (113)
KF (126)
KG (138)
KH (151)
KL (201)
KP (264)
Other sizes available upon request
length mm ±2
30
35
40
45
50
55
60
80
105
30
35
40
45
50
55
60
80
105
35
40
45
50
55
60
80
105
dia. mm -0+1
dia. mm -0+1
casE codE (comPonEnt wEight grams - nominal )
Not for new design. Use PEH506 or ELH Series.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com