Electronic Components Datasheet Search
  English  ▼

X  

ALC40 Datasheet(PDF) 1 Page - Kemet Corporation

Part # ALC40
Description  IEC 60384-4 Long Life Grade 40/105/56
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALC40 Datasheet(HTML) 1 Page - Kemet Corporation

  ALC40 Datasheet HTML 1Page - Kemet Corporation ALC40 Datasheet HTML 2Page - Kemet Corporation ALC40 Datasheet HTML 3Page - Kemet Corporation ALC40 Datasheet HTML 4Page - Kemet Corporation ALC40 Datasheet HTML 5Page - Kemet Corporation ALC40 Datasheet HTML 6Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RoHS
Compliant
ALC40 Series 105°C
• compact size
• long life, 9000 hours at 105 °c (ur, ir applied)
• high ripple current
• Excellent surge voltage capability
• optimized designs available on request
aPPlication
basic dEsign
sPEcification
standards
IEC 60384-4 Long Life Grade 40/105/56,
capacitance range
47 – 120000 µF
capacitance tolerance
–20 to +20%
rated voltage u
r
25 – 450 VDC
surge voltage u
s
1.15 x U
R (for UR < 250 VDC)
1.10 x U
R (for UR > 350 VDC)
surge voltage u
ss
(short duration)
leakage current i
l
= 0.003 x C
R x UR (µA) or 6mA whichever
is the smaller. Note, C
R is in µF.
operational life time
+105°c, u
r , ir
+105°c, u
r
shelf life
2000 hrs at 0V +85°C, or 30000 hrs at 0V +40°C
temperature range
–40 to +105°C (Operating) -55°C to +105°C (Storage)
Can Diameter
25
6000 hrs
30
7000 hrs
35
8000 hrs
40, 45, 50
9000 hrs
End of Life requirement:
ΔC/C
< ±10%
ESR
< 2 x initial ESR value
I
L
< initial specified limit
Can Diameter
25
10000 hrs
30
11000 hrs
35
13000 hrs
40, 45, 50
14000 hrs
U
R
U
SS
200
350
250
400
350
500
400
520
415
530
450
550
500
600
Test Condition:
< 500ms surge, 100 cycles @ 20°C
Test Condition:
< 30s surge, 1000 cycles @ 105°C
Test Condition:
U
R, 5mins., 20°C
Suited for high reliability and long life
applications such as frequency converters,
UPS systems and switch mode power
supplies, but the extended temperature
range allows increased ripple currents at
lower temperatures.
The ALC40 series of snap-in capacitors
feature the same high ripple currents and
long life characteristics as the ALC10 series
but can operate at higher temperatures.


Similar Part No. - ALC40

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALC40 KEMET-ALC40 Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
ALC40A221BB250 KEMET-ALC40A221BB250 Datasheet
67Kb / 1P
Aluminum Electrolytic, 105C, ALC40, 220 uF, 20%, 250 V, -40/105C
ALC40A682CF063 KEMET-ALC40A682CF063 Datasheet
68Kb / 1P
ALC40, Aluminum Electrolytic, 105C, 6800 uF, 20%, 63 V, -40/105C
ALC40A822BB025 KEMET-ALC40A822BB025 Datasheet
4Mb / 15P
Snap-In Aluminum Electrolytic Capacitors
ALC40BB560BB500 KEMET-ALC40BB560BB500 Datasheet
4Mb / 15P
Snap-In Aluminum Electrolytic Capacitors
More results

Similar Description - ALC40

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALC10 KEMET-ALC10 Datasheet
701Kb / 7P
IEC 60384-4 Long Life Grade 40/85/56,
ALC12 KEMET-ALC12 Datasheet
565Kb / 5P
IEC 60384-4 Long Life Grade 40/85/56
ALC42 KEMET-ALC42 Datasheet
584Kb / 5P
IEC 60384-4 Long Life Grade 40/105/56
ALS30 KEMET-ALS30 Datasheet
496Kb / 7P
IEC 60384-4 Long Life Grade 40/85/56
ALS32 KEMET-ALS32 Datasheet
483Kb / 5P
IEC 60384-4 Long Life Grade 40/85/56
ALS34 KEMET-ALS34 Datasheet
606Kb / 8P
IEC 60384-4 Long Life Grade 40/85/56
ALS36 KEMET-ALS36 Datasheet
227Kb / 8P
IEC 60384-4 Long Life Grade 40/85/56
ALS40 KEMET-ALS40 Datasheet
309Kb / 6P
IEC 60384-4 Long Life Grade 40/105/56
ALS42 KEMET-ALS42 Datasheet
215Kb / 4P
IEC 60384-4 Long Life Grade 40/105/56
PEH200 KEMET-PEH200 Datasheet
295Kb / 5P
IEC 60384-4 Long Life Grade 40/85/56, DIN 41240
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com