Electronic Components Datasheet Search
  English  ▼

X  

ALS32 Datasheet(PDF) 1 Page - Kemet Corporation

Part # ALS32
Description  IEC 60384-4 Long Life Grade 40/85/56
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALS32 Datasheet(HTML) 1 Page - Kemet Corporation

  ALS32 Datasheet HTML 1Page - Kemet Corporation ALS32 Datasheet HTML 2Page - Kemet Corporation ALS32 Datasheet HTML 3Page - Kemet Corporation ALS32 Datasheet HTML 4Page - Kemet Corporation ALS32 Datasheet HTML 5Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
BHC and Evox Rifa Electrolytic Capacitors
RoHS
Compliant
ALS32 Series 85°C
• case sizes and terminals for the asian market
• long life, 20000 hours at 85°c (ur, ir applied)
• high ripple current
• Excellent surge voltage capability
• optimized designs available on request
aPPlication
basic dEsign
sPEcification
standards
IEC 60384-4 Long Life Grade 40/85/56,
capacitance range
220 – 18000 µF
capacitance tolerance
±20%
rated voltage u
r
350–500 VDC
surge voltage u
s
1.10 x U
R
surge voltage u
ss
(short duration)
leakage current i
l
= 0.006 x C
R x UR (µA) or 6mA whichever
is the smaller. Note, C
R is in µF.
operational life time
+85°c, u
r , ir
+85°c, u
r
shelf life
2000 hrs at 0V +85°C, or 30000 hrs at 0V +40°C
temperature range
–40 to +85°C (Operating) -55°C to +85°C (Storage)
End of Life requirement:
ΔC/C
< ±10%
ESR
< 2 x initial ESR value
I
L
< initial specified limit
U
R
U
SS
200
350
250
400
350
500
400
520
415
530
450
550
500
600
Test Condition:
< 500ms surge, 100 cycles @ 20°C
Test Condition:
< 30s surge, 1000 cycles @ 85°C
Test Condition:
U
R, 5mins., 20°C
•
Industrial and commercial
applications.
•
Power supplies including switch
mode.
•
UPS systems.
•
Variable speed drives.
•
Frequency Inverters.
•
Welding equipment.
•
Energy storage in pulse discharge
applications.
The ALS32/33 series of screw terminal
capacitors meets the
requirements of the Asian market. This
range offers high CV per unit volume
coupled with high ripple currents and
long life performance.
Can Diameter
36
11000 hrs
51
18000 hrs
63.5
19000 hrs
77, 90
20000 hrs
Can Diameter
36
22000 hrs
51
36000 hrs
63.5
38000 hrs
77, 90
40000 hrs


Similar Part No. - ALS32

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALS32 KEMET-ALS32 Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
ALS3222KE200 KEMET-ALS3222KE200 Datasheet
529Kb / 14P
Screw Terminal Aluminum Electrolytic Capacitors ALS30/31 Series, 85째C
ALS3223QD100 KEMET-ALS3223QD100 Datasheet
529Kb / 14P
Screw Terminal Aluminum Electrolytic Capacitors ALS30/31 Series, 85째C
ALS3223QP200 KEMET-ALS3223QP200 Datasheet
529Kb / 14P
Screw Terminal Aluminum Electrolytic Capacitors ALS30/31 Series, 85째C
More results

Similar Description - ALS32

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALC10 KEMET-ALC10 Datasheet
701Kb / 7P
IEC 60384-4 Long Life Grade 40/85/56,
ALC12 KEMET-ALC12 Datasheet
565Kb / 5P
IEC 60384-4 Long Life Grade 40/85/56
ALC40 KEMET-ALC40 Datasheet
686Kb / 6P
IEC 60384-4 Long Life Grade 40/105/56
ALC42 KEMET-ALC42 Datasheet
584Kb / 5P
IEC 60384-4 Long Life Grade 40/105/56
ALS30 KEMET-ALS30 Datasheet
496Kb / 7P
IEC 60384-4 Long Life Grade 40/85/56
ALS34 KEMET-ALS34 Datasheet
606Kb / 8P
IEC 60384-4 Long Life Grade 40/85/56
ALS36 KEMET-ALS36 Datasheet
227Kb / 8P
IEC 60384-4 Long Life Grade 40/85/56
ALS40 KEMET-ALS40 Datasheet
309Kb / 6P
IEC 60384-4 Long Life Grade 40/105/56
ALS42 KEMET-ALS42 Datasheet
215Kb / 4P
IEC 60384-4 Long Life Grade 40/105/56
PEH200 KEMET-PEH200 Datasheet
295Kb / 5P
IEC 60384-4 Long Life Grade 40/85/56, DIN 41240
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com