Electronic Components Datasheet Search
  English  ▼

X  

CXD2597Q Datasheet(PDF) 5 Page - Sony Corporation

Part # CXD2597Q
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2597Q Datasheet(HTML) 5 Page - Sony Corporation

  CXD2597Q Datasheet HTML 1Page - Sony Corporation CXD2597Q Datasheet HTML 2Page - Sony Corporation CXD2597Q Datasheet HTML 3Page - Sony Corporation CXD2597Q Datasheet HTML 4Page - Sony Corporation CXD2597Q Datasheet HTML 5Page - Sony Corporation CXD2597Q Datasheet HTML 6Page - Sony Corporation CXD2597Q Datasheet HTML 7Page - Sony Corporation CXD2597Q Datasheet HTML 8Page - Sony Corporation CXD2597Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 115 page
background image
– 5 –
CXD2597Q
Pin
No.
Symbol
I/O
Description
Test pin. Normally, GND.
Crystal selection input. Low when the crystal is 16.9344MHz; high when the
crystal is 33.8688MHz.
Center voltage input.
Focus error signal input.
Sled error signal input.
Tracking error signal input.
RF signal input.
Analog GND.
Operational amplifier constant current input.
Analog power supply.
EFM full-swing output. (low = Vss, high = VDD)
Asymmetry comparator voltage input.
Asymmetry circuit constant current input.
EFM signal input.
Analog GND.
Multiplier VCO1 control voltage input.
Master PLL filter output. (slave = digital PLL)
Master PLL filter input.
Master PLL charge pump output.
Analog power supply.
Wide-band EFM PLL VCO2 control voltage input.
Wide-band EFM PLL charge pump output.
Digital GND.
Digital power supply.
Digital Out output.
D/A interface. LR clock output f = Fs.
D/A interface. Serial data output. (two's complement, MSB first)
D/A interface. Bit clock output.
Outputs a high signal when the playback disc has emphasis, and a low
signal when there is no emphasis.
Master clock power supply.
Crystal oscillation circuit input. Master clock is externally input from this pin.
Crystal oscillation circuit output.
Master clock GND.
Analog power supply.
L ch analog output.
L ch operational amplifier input.
—
—
1, 0
—
Analog
1, Z, 0
—
1, Z, 0
—
—
1, 0
1, 0
1, 0
1, 0
1, 0
—
—
—
I
I
I
I
I
I
I
—
I
—
O
I
I
I
—
I
O
I
O
—
I
O
—
—
O
O
O
O
O
—
I
O
—
—
O
I
TES1
XTSL
VC
FE
SE
TE
RFDC
AVSS0
IGEN
AVDD0
ASYO
ASYI
BIAS
RFAC
AVSS3
CLTV
FILO
FILI
PCO
AVDD3
VCTL
VPCO
VSS
VDD
DOUT
LRCK
PCMD
BCK
EMPH
XVDD
XTAI
XTAO
XVSS
AVDD1
AOUT1
AIN1
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com