Electronic Components Datasheet Search
  English  ▼

X  

TS7806CZ Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # TS7806CZ
Description  3-Terminal Fixed Positive Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS7806CZ Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

Back Button TS7806CZ Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS7806CZ Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS7806CZ Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS7806CZ Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS7806CZ Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS7806CZ Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS7806CZ Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS7806CZ Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS7806CZ Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TS7800 Series
3-Terminal Fixed Positive Voltage Regulator
6/10
Version: D12
TS7824 Electrical Characteristics
Vin=33V, Iout=500mA, 0
oC
≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output voltage
Vout
Tj=25
oC
23.07
24
24.96
V
27V
≤Vin≤38V, 10mA≤Iout≤1A,
PD
≤15W
22.85
24
25.20
Line Regulation
REGline
Tj=25
oC
27V
≤Vin≤38V
--
18
480
mV
28V
≤Vin≤32V
--
6
240
Load Regulation
REGload
Tj=25
oC
10mA
≤Iout≤1A
--
12
480
250mA
≤Iout≤750mA
--
4
240
Quiescent Current
Iq
Iout=0, Tj=25
oC
--
4.6
8
mA
Quiescent Current Change
∆Iq
27V
≤Vin≤38V
--
--
1
10mA
≤Iout≤1A
--
--
0.5
Output Noise Voltage
Vn
10Hz
≤f≤100KHz, Tj=25oC
--
170
--
µV
Ripple Rejection Ratio
RR
f=120Hz, 27V
≤Vin≤37V
54
70
--
dB
Voltage Drop
Vdrop
Iout=1.0A, Tj=25
oC
--
2
--
V
Output Resistance
Rout
f=1KHz
--
28
--
m
Ω
Output Short Circuit Current
Ios
Tj=25
oC
--
150
--
mA
Peak Output Current
Io peak
Tj=25
oC
--
2.2
--
A
Temperature Coefficient of
Output Voltage
∆Vout/ ∆Tj
Iout=10mA, 0
oC
≤Tj≤125oC
--
-1.5
--
mV/
oC
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as
possible, and thermal effects must be taken into account separately.
This specification applies only for DC power dissipation permitted by absolute maximum ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com