Electronic Components Datasheet Search
  English  ▼

X  

TS7808CZ Datasheet(PDF) 8 Page - Taiwan Semiconductor Company, Ltd

Part # TS7808CZ
Description  3-Terminal Fixed Positive Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS7808CZ Datasheet(HTML) 8 Page - Taiwan Semiconductor Company, Ltd

Back Button TS7808CZ Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS7808CZ Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS7808CZ Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS7808CZ Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS7808CZ Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS7808CZ Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS7808CZ Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS7808CZ Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS7808CZ Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TS7800 Series
3-Terminal Fixed Positive Voltage Regulator
8/10
Version: D12
TO-220 Mechanical Drawing
Marking Diagram
XX
= Output Voltage
(05=5V, 06=6V, 08=8V, 09=9V, 10=10V, 12=12V, 15=15V, 18=18V, 24=24V)
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L
= Lot Code
CZ
= Package Code for TO-220
TO-220 DIMENSION
DIM
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
9.31
10.50
0.367
0.413
B
3.74
3.91
0.147
0.154
C
2.36
3.24
0.093
0.128
D
2.22
3.22
0.087
0.127
E
0.78
0.98
0.031
0.039
F
--
2.65
--
0.104
G
--
5.30
--
0.209
H
12.32
13.88
0.485
0.546
I
8.74
9.26
0.344
0.365
J
15.07
16.47
0.593
0.648
K
4.35
4.65
0.171
0.183
L
1.16
1.40
0.046
0.055
M
28.37
30.35
1.117
1.195
N
1.78
2.67
0.070
0.105
O
0.255
0.610
0.010
0.024
P
5.75
7.65
0.226
0.301



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com