Electronic Components Datasheet Search
  English  ▼

X  

CXD3003R Datasheet(PDF) 41 Page - Sony Corporation

Part # CXD3003R
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003R Datasheet(HTML) 41 Page - Sony Corporation

Back Button CXD3003R Datasheet HTML 37Page - Sony Corporation CXD3003R Datasheet HTML 38Page - Sony Corporation CXD3003R Datasheet HTML 39Page - Sony Corporation CXD3003R Datasheet HTML 40Page - Sony Corporation CXD3003R Datasheet HTML 41Page - Sony Corporation CXD3003R Datasheet HTML 42Page - Sony Corporation CXD3003R Datasheet HTML 43Page - Sony Corporation CXD3003R Datasheet HTML 44Page - Sony Corporation CXD3003R Datasheet HTML 45Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 137 page
background image
– 41 –
CXD3003R
Command
Data 1
Function
specification
DCLV
ON-OFF
DSPB
ON-OFF
A.SEQ
ON-OFF
D.PLL
ON-OFF
D23
D22
D21
D20
Data 2
BiliGL
MAIN
BiliGL
SUB
FLFC
D19
D18
D17
XWOC
D16
$9X commands
Command bit
DCLV on/off = 0
In CLVS mode
FSW = low, MON = high, MDS = Z; MDP = servo control signal,
carrier frequency of 230Hz at TB = 0 and 460Hz at TB = 1.
FSW = Z, MON = high; MDS = speed control signal, carrier frequency of
7.35kHz; MDP = phase control signal, carrier frequency of 1.8kHz.
When DCLV PWM
and MD = 1
(Prohibited in CLV-W
and CAV-W modes)
MDS = PWM polarity signal, carrier frequency
of 132kHz
MDP = PWM absolute value output (binary),
carrier frequency of 132kHz
When DCLV PWM
and MD = 0
MDS = Z
MDP = ternary PWM output, carrier frequency
of 132kHz
In CLVP mode
In CLVS and
CLVP modes
DCLV on/off = 1
(FSW, MON not
required)
CLV mode
Contents
When DCLV on/off = 1 for the Digital CLV servo, the sampling frequency of the internal digital filter switches
simultaneously with the CLVP/CLVS switching.
Therefore, the cut-off frequency for the CLVS is fc = 70Hz when TB = 0, and fc = 140Hz when TB = 1.
Command bit
DSPB = 0
DSPB = 1
Normal-speed playback, C2 error quadruple correction.
Double-speed playback, C2 error double correction. (quadruple correction when ERC4 = 1)
Processing
FLFC is normally 0.
FLFC is 1 in CAV-W mode, for any playback speed.
Command bit
DPLL = 0 ∗
DPLL = 1
RFPLL is analog. PDO, VCOI and VCOO are used.
RFPLL is digital. PDO is high impedance.
Meaning
Command bit
BiliGL SUB = 0
BiliGL SUB = 1
STEREO
SUB
MAIN
Mute
BiliGL MAIN = 0
BiliGL MAIN = 1
Definition of bilingual capable MAIN, SUB and STEREO
The left channel input is output to the left and right channels for MAIN.
The right channel input is output to the left and right channels for SUB.
The left and right channel inputs are output to the left and right channels for STEREO.
∗ External parts for the FILI, FILO and PCO pins are required even when analog PLL is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com