Electronic Components Datasheet Search
  English  ▼

X  

CXD3003R Datasheet(PDF) 107 Page - Sony Corporation

Part # CXD3003R
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003R Datasheet(HTML) 107 Page - Sony Corporation

Back Button CXD3003R Datasheet HTML 103Page - Sony Corporation CXD3003R Datasheet HTML 104Page - Sony Corporation CXD3003R Datasheet HTML 105Page - Sony Corporation CXD3003R Datasheet HTML 106Page - Sony Corporation CXD3003R Datasheet HTML 107Page - Sony Corporation CXD3003R Datasheet HTML 108Page - Sony Corporation CXD3003R Datasheet HTML 109Page - Sony Corporation CXD3003R Datasheet HTML 110Page - Sony Corporation CXD3003R Datasheet HTML 111Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 137 page
background image
– 107 –
CXD3003R
§5-15. Writing to the Coefficient RAM
The coefficient RAM can be rewritten by $34. All coefficients have default values in the built-in ROM, and
transfer from the ROM to the RAM is completed approximately 40µs (when MCK = 128Fs) after the XRST pin
rises. (The coefficient RAM cannot be rewritten during this period.)
After that, the characteristics of each built-in filter can be finely adjusted by rewriting the data for each address
of the coefficient RAM.
The coefficient rewrite command is comprised of 24 bits, with D14 to D8 of $34 as the address (D15 = 0) and
D7 to D0 as data. Coefficient rewriting is completed 11.3µs (when MCK = 128Fs) after the command is
received. When rewriting multiple coefficients, be sure to wait 11.3µs (when MCK = 128Fs) before sending the
next rewrite command.
§5-16. PWM Output
FCS, TRK and SLD outputs are output as PWM waveforms.
In particular, FCS and TRK permit accurate drive by using a double oversampling noise shaper.
Timing Chart 5-20 and Fig. 5-21 show examples of output waveforms and drive circuits.
tMCK =
≈ 180ns
Timing Chart 5-20.
64tMCK
64tMCK
64tMCK
AtMCK
AtMCK
SFDR
SRDR
SLD
32tMCK
32tMCK
32tMCK
32tMCK
32tMCK
32tMCK
FCS/TRK
FFDR/
TFDR
FRDR/
TRDR
Output value +A
Output value –A
Output value 0
tMCK
A
2
tMCK
A
2
tMCK
A
2
tMCK
A
2
MCK
(5.6448MHz)
↑ ↑ ↑ ↑ ↑ ↑ ↑
1
5.6448MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com