Electronic Components Datasheet Search
  English  ▼

X  

CXD3003 Datasheet(PDF) 137 Page - Sony Corporation

Part # CXD3003
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003 Datasheet(HTML) 137 Page - Sony Corporation

Back Button CXD3003 Datasheet HTML 129Page - Sony Corporation CXD3003 Datasheet HTML 130Page - Sony Corporation CXD3003 Datasheet HTML 131Page - Sony Corporation CXD3003 Datasheet HTML 132Page - Sony Corporation CXD3003 Datasheet HTML 133Page - Sony Corporation CXD3003 Datasheet HTML 134Page - Sony Corporation CXD3003 Datasheet HTML 135Page - Sony Corporation CXD3003 Datasheet HTML 136Page - Sony Corporation CXD3003 Datasheet HTML 137Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 137 / 137 page
background image
– 137 –
CXD3003R
Package Outline
Unit: mm
SONY CODE
EIAJ CODE
JEDEC CODE
PACKAGE MATERIAL
LEAD TREATMENT
LEAD MATERIAL
PACKAGE MASS
EPOXY RESIN
SOLDER PLATING
42 / COPPER ALLOY
PACKAGE STRUCTURE
LQFP-144P-L022
LQFP144-P-2020
1.3g
144PIN LQFP(PLASTIC)
22.0 ± 0.2
0.5
0.22 ± 0.05
1.7 MAX
20.0 ± 0.1
108
73
109
72
144
1
36
37
A
DETAIL A
0° to 10°
DETAIL B
(0.2)
0.22 ± 0.05
B
M
0.1
S
0.1
S
S
0.1 ± 0.05
SONY CODE
EIAJ CODE
JEDEC CODE
PACKAGE MATERIAL
LEAD TREATMENT
LEAD MATERIAL
PACKAGE MASS
EPOXY RESIN
SOLDER PLATING
COPPER ALLOY
PACKAGE STRUCTURE
LQFP-144P-L051
LQFP144-P-2020
1.3g
144PIN LQFP(PLASTIC)
DETAIL A
DETAIL B
M
0.08
0.1
0° to 10°
0.1 ± 0.05
(0.2)
0.22 ± 0.05
36
37
0.22 ± 0.05
0.5
1
144
109
108
20.0 ± 0.1
22.0 ± 0.2
73
72
A
B
1.7 MAX
1.4 ± 0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com