Electronic Components Datasheet Search
  English  ▼

X  

CXD3003 Datasheet(PDF) 105 Page - Sony Corporation

Part # CXD3003
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003 Datasheet(HTML) 105 Page - Sony Corporation

Back Button CXD3003 Datasheet HTML 101Page - Sony Corporation CXD3003 Datasheet HTML 102Page - Sony Corporation CXD3003 Datasheet HTML 103Page - Sony Corporation CXD3003 Datasheet HTML 104Page - Sony Corporation CXD3003 Datasheet HTML 105Page - Sony Corporation CXD3003 Datasheet HTML 106Page - Sony Corporation CXD3003 Datasheet HTML 107Page - Sony Corporation CXD3003 Datasheet HTML 108Page - Sony Corporation CXD3003 Datasheet HTML 109Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 137 page
background image
– 105 –
CXD3003R
§5-12. Brake Circuit
Immediately after a long distance track jump it tends to be hard for the actuator to settle and for the servo to
turn on.
The brake circuit prevents these phenomenon.
The brake circuit is to use tracking drive as a brake by cutting unnecessary portions of it utilizing the 180°
offset in the RF envelope and tracking error phase relationship which occurs when the actuator traverses the
track in the radial direction from the inner track to the outer track and vice versa. (See Figs. 5-15 and 5-16.)
Concretely, this operation is achieved by masking the tracking drive using the TRKCNCL signal generated by
loading the MIRR signal at the edge of the TZC (Tracking Zero Cross) signal.
The brake circuit can be turned on and off by D18 of $1. (See Fig. 5-17.)
TRK
DRV
FWD
JMP
REV
JMP
Servo ON
RF
Trace
MIRR
TE
0
0
TZC
Edge
TRKCNCL
TRK
DRV
SENS
TZC out
Inner track
Outer track
TRK
DRV
REV
JMP
FWD
JMP
Servo ON
RF
Trace
MIRR
TE
0
0
TZC
Edge
TRKCNCL
TRK
DRV
SENS
TZC out
Outer track
Inner track
Fig. 5-15.
Fig. 5-16.
D23 to D20
D19 to D16
1 0
∗ ∗
0
∗ ∗ ∗
∗ 1 ∗ ∗
∗ 0 ∗ ∗
∗ ∗ 0 ∗
∗ ∗ 1 ∗
∗ ∗ ∗ 1
∗ ∗ ∗ 0
ANTI SHOCK ON
ANTI SHOCK OFF
BRAKE ON
BRAKE OFF
TRACKING GAIN NORMAL
TRACKING GAIN UP
TRACKING GAIN UP FILTER SELECT 1
TRACKING GAIN UP FILTER SELECT 2
0 0 0 1
TRACKING
CONTROL
1
Fig. 5-17.
∗: Don’t care
Register name Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com