Electronic Components Datasheet Search
  English  ▼

X  

TSM3N80 Datasheet(PDF) 8 Page - Taiwan Semiconductor Company, Ltd

Part # TSM3N80
Description  800V N-Channel Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM3N80 Datasheet(HTML) 8 Page - Taiwan Semiconductor Company, Ltd

Back Button TSM3N80 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM3N80 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM3N80 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM3N80 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM3N80 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM3N80 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TSM3N80 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TSM3N80 Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd TSM3N80 Datasheet HTML 12Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TSM3N80
800V N-Channel Power MOSFET
8/12
Version: B12
TO-220 Mechanical Drawing
TO-220 DIMENSION
DIM
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
10.00
10.50
0.394
0.413
B
3.74
3.91
0.147
0.154
C
2.44
2.94
0.096
0.116
D
--
6.35
--
0.250
E
0.38
1.10
0.015
0.043
F
2.34
2.71
0.092
0.107
G
4.69
5.43
0.185
0.214
H
12.70
14.73
0.500
0.580
J
8.38
9.38
0.330
0.369
K
14.22
16.51
0.560
0.650
L
3.55
4.82
0.140
0.190
M
1.16
1.40
0.046
0.055
N
27.70
29.62
1.091
1.166
O
2.03
2.92
0.080
0.115
P
0.25
0.61
0.010
0.024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com