Electronic Components Datasheet Search
  English  ▼

X  

TSM8N80 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM8N80
Description  800V N-Channel Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM8N80 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM8N80 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM8N80 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM8N80 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM8N80 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM8N80 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM8N80 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM8N80 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM8N80 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM8N80 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TSM8N80
800V N-Channel Power MOSFET
2/10
Version: A12
Thermal Performance
Parameter
Symbol
TO-220
ITO-220
Unit
Thermal Resistance - Junction to Case
RӨJC
0.5
3.1
oC/W
Thermal Resistance - Junction to Ambient
RӨJA
62.5
Notes: Surface mounted on FR4 board t ≤ 10sec
Electrical Specifications (Tc = 25
oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250uA
BVDSS
800
--
--
V
Drain-Source On-State Resistance
VGS = 10V, ID = 4.0A
RDS(ON)
--
1.1
1.4
Ω
Gate Threshold Voltage
VDS = VGS, ID = 250uA
VGS(TH)
2.0
--
4.0
V
Zero Gate Voltage Drain Current
VDS = 800V, VGS = 0V
IDSS
--
--
10
uA
Gate Body Leakage
VGS = ±30V, VDS = 0V
IGSS
--
--
±100
nA
Forward Transconductance
VDS = 30V, ID = 4.0A
gfs
--
7
--
S
Diode Forward Voltage
IS = 8A, VGS = 0V
VSD
--
--
1.5
V
Dynamic
b
Total Gate Charge
VDS = 640V, ID = 8A,
VGS = 10V
Qg
--
41
--
nC
Gate-Source Charge
Qgs
--
10
--
Gate-Drain Charge
Qgd
--
11
--
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1.0MHz
Ciss
--
1921
--
pF
Output Capacitance
Coss
--
146
--
Reverse Transfer Capacitance
Crss
--
12
--
Switching
c
Turn-On Delay Time
VGS = 10V, ID = 8A,
VDD = 400V, RG = 25Ω
td(on)
--
133
--
nS
Turn-On Rise Time
tr
--
30
--
Turn-Off Delay Time
td(off)
--
172
--
Turn-Off Fall Time
tf
--
37
--
Reverse Recovery Time
VGS = 0V, IS = 8A,
dIF/dt = 100A/us
tfr
--
479
--
nS
Reverse Recovery Charge
Qfr
--
5.5
--
uC
Notes:
1.
Repetitive Rating: Pulse Width Limited by Maximum Junction Temperature
2.
VDD = 50V, IAS=8A, L=5.9mH, RG=25Ω, Starting TJ=25℃
3.
ISD ≤8A, di/dt ≤ 200A/uS, Vdd ≤ BV, Starting TJ=25℃
4.
Pulse test: pulse width ≤300uS, duty cycle ≤2%
5.
b For design reference only, not subject to production testing.
6.
c Switching time is essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com