Electronic Components Datasheet Search
  English  ▼

X  

AST11L Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # AST11L
Description  5-3500 MHz MMIC Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AST11L Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  AST11L Datasheet HTML 1Page - Advanced Semiconductor Business Inc. AST11L Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AST11L Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AST11L Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AST11L Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AST11L Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AST11L Datasheet HTML 7Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/7
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
February 2010
AST11L
5-3500 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of -5 dBm/tone
separated by 1 MHz.
Board Layout (FR4, 40x40 mm
2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
824~894
Magnitude S21 (dB)
18
Magnitude S11 (dB)
-13.5
Magnitude S22 (dB)
-12
Output P1dB (dBm)
13
Output IP3
1) (dBm)
24.5
Noise Figure (dB)
1.2
Device Voltage (V)
3
Current (mA)
25
CDMA
824 ~ 894 MHz
+3 V
600
700
800
900
1000
1100
1200
0
5
10
15
20
25
Frequency (MHz)
600
700
800
900
1000
1100
1200
-20
-15
-10
-5
0
Frequency (MHz)
600
700
800
900
1000
1100
1200
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
C1=100 pF
L2=100 nH
C3=100 pF
Vcc=3 V
RF IN
RF OUT
C4=100pF
C5=1 mF
AST11L
L1=12 nH
C2=2 pF
L3=22 nH
R2=9.1
kW
R3=1 kW
R1=2 kW
R4=5.1 W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com