Electronic Components Datasheet Search
  English  ▼

X  

AC3200JH Datasheet(PDF) 2 Page - ebm-papst

Part # AC3200JH
Description  AC 3200 JH AC axial compact fan
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

AC3200JH Datasheet(HTML) 2 Page - ebm-papst

  AC3200JH Datasheet HTML 1Page - ebm-papst AC3200JH Datasheet HTML 2Page - ebm-papst AC3200JH Datasheet HTML 3Page - ebm-papst AC3200JH Datasheet HTML 4Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AC axial compact fan
AC 3200 JH
Technical features
General description
Particular design features:
Can be used universally for all supply voltages between 85 and 265 VAC.
Fan speed independent of the power frequency.
Significantly reduced power consumption compared to conventional AC fans.
Open loop speed control, sensor and alarm signal available on request.
Rigid compression curve for high air flow at high counterpressure.
Innovative impeller with winglets for low noise.
General features:
Material: fibreglass-reinforced plastic. Impeller made of PA, housing PBTP.
Electronic commutation completely integrated. Protected against locking.
Connection via single strands AWG 22, TR 64, bared and tin-plated.
Air exhaust over bars. Rotational direction clockwise looking at rotor.
Mass: 325 g.
Mass
0.325 kg
Dimensions
92 x 92 x 38 mm
Material of impeller
Fiberglass-reinforced PA plastic
Housing material
Fiberglass-reinforced PBTP plastic
Direction of air flow
Air exhaust over bars
Direction of rotation
Right, looking at rotor
Type of protection
IP 20
Bearing
Ball bearings
Lifetime L10 at 40 °C
70000 h
Lifetime L10 at maximum
temperature
35000 h
Connection line
Single strands AWG 22, TR 64, bared and tin-plated.
Motor protection
Protected against blocking.
Approval
VDE, CSA, UL, CCC, CE
Web data sheet D · Page 2 of 4
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Straße 1 · D-78112 St. Georgen · Phone +49 7724 81-0 · Fax +49 7724 81-1309 · info2@de.ebmpapst.com · www.ebmpapst.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com