Electronic Components Datasheet Search
  English  ▼

X  

AC6100N Datasheet(PDF) 10 Page - ebm-papst

Part # AC6100N
Description  ACmaxx / i-maxx
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

AC6100N Datasheet(HTML) 10 Page - ebm-papst

Back Button AC6100N Datasheet HTML 6Page - ebm-papst AC6100N Datasheet HTML 7Page - ebm-papst AC6100N Datasheet HTML 8Page - ebm-papst AC6100N Datasheet HTML 9Page - ebm-papst AC6100N Datasheet HTML 10Page - ebm-papst AC6100N Datasheet HTML 11Page - ebm-papst AC6100N Datasheet HTML 12Page - ebm-papst AC6100N Datasheet HTML 13Page - ebm-papst AC6100N Datasheet HTML 14Page - ebm-papst Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
134
0
1 5
3 0
4 5
6 0
7 5
9 0
25
50
20
40
75
100
125
60
150
80
m³/h
CFM
1
Highlights:
– Universally suitable for all AC voltages between 85 and 265 V.
– Fan speed independent of power frequency.
– Significantly reduced power consumption compared to conventional AC fans.
– Open loop speed control, sensor and alarm signal possible on request.
General attributes:
– Material: fibreglass-reinforced plastic. PA impeller, PBTP housing.
– Fully integrated electronic commutation.
– Protected against locking.
– Connection via single strands AWG 22, TR 64. Bared and tin-plated.
– Air exhaust over struts. Direction of rotation clockwise, seen on rotor.
– Mass: 325 g.
ACmaxx axial fans
Series AC 4300
119 x 119 x 32 mm
Nominal data
Type
m3/h
CFM
V
Hz
VAC
dB(A)
Bel(A)
/
Watts
RPM
°C
Hours
Hours
AC 4300 H
204
120,1
115 / 230
50 / 60
85 ... 265
51
6,4
/
11
3 400
-20...+70
45 000 / 22 500
1
Speed variants available on request.
22
64 + 0,6
HHPP
A
SSPP
IP54
IP54
Û
PWM
II
TT
NG
max.
204 m3/h
Kompaktlüfter__2011__EN__Final__17_01_2011_:Vorlage
18.01.2011
14:19
Seite 134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com