Electronic Components Datasheet Search
  English  ▼

X  

IPD50R280CE Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPD50R280CE
Description  500V CoolMOS??CE Power MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD50R280CE Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPD50R280CE Datasheet HTML 1Page - Infineon Technologies AG IPD50R280CE Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Brief
Published by
Infineon Technologies Austria AG
9500 Villach, Austria
© 2012 Infineon Technologies AG.
All Rights Reserved.
Visit us:
www.infineon.com
Order Number: B152-H9688-X-X-7600-DB2012-0003
Date: 10 / 2012
ATTEnTiOn plEASE!
The information given in this document shall in no event
be regarded as a guarantee of conditions or characteristics
(“Beschaffenheitsgarantie”). With respect to any examples
or hints given herein, any typical values stated herein and/
or any information regarding the application of the device,
Infineon Technologies hereby disclaims any and all warran-
ties and liabilities of any kind, including without limita-
tion warranties of non-infringement of intellectual property
rights of any third party.
inFOrMATiOn
For further information on technology, delivery terms and
conditions and prices please contact your nearest Infineon
Technologies Office (www.infineon.com).
WArningS
Due to technical requirements components may contain
dangerous substances. For information on the types in
question please contact your nearest Infineon Technologies
Office. Infineon Technologies Components may only be
used in life-support devices or systems with the express
written approval of Infineon Technologies, if a failure of
such components can reasonably be expected to cause
the failure of that life-support device or system, or to affect
the safety or effectiveness of that device or system. Life
support devices or systems are intended to be implanted
in the human body, or to support and/or maintain and
sustain and/or protect human life. If they fail, it is reason-
able to assume that the health of the user or other persons
may be endangered.
500V CoolMOS™ CE Power MOSFET
Product Portfolio CoolMOS™ CE
Simplified test circuit
R
DS(on)
TO-220
FullPAK
TO-252
DPAK
TO-220
TO-247
IPAK
3000 mΩ
IPD50R3k0CE*
IPU50R3k0CE*
2000 mΩ
IPD50R2k0CE**
IPU50R2k0CE**
1400 mΩ
IPD50R1k4CE*
IPU50R1k4CE*
950 mΩ
IPA50R950CE
IPD50R950CE
IPU50R950CE*
800 mΩ
IPA50R800CE*
IPD50R800CE*
650 mΩ
IPA50R650CE*
IPD50R650CE*
500 mΩ
IPA50R500CE
IPD50R500CE
IPP50R500CE
380 mΩ
IPA50R380CE*
IPD50R380CE*
IPP50R380CE*
280 mΩ
IPA50R280CE
IPD50R280CE
IPP50R280CE
IPW50R280CE
190 mΩ
IPA50R190CE*
IPP50R190CE*
IPW50R190CE*
* Samples available by Q3 / 2012
** Samples available by Q4 / 2012
Applications
Consumer
Consumer, Lighting
PC Silverbox
PC Silverbox
SSL: Solid State Lighting
IPP50R500CE vs. Standard MOS
hard commutation on conducting body diode; half bridge configuration
High Side MOS = Low Side MOS, same RG,sum = 5
IF, forward current through body diode [A]
500
490
480
470
460
450
440
430
420
410
400
0
1
2
3
4
5
6
7
IPP50R500CE
Standard MOS
12V lower drain
source overshoot
ISD
ISD
RG,ext
RG,ext
dIF/ dt
dIrr / dt
VDSmax
VDS
VDS
t
t
0V
0A
400V
SW
DUT
Imm
IF
IF
145µH
simplified waveform when switching ON of High Side
MOSFET for 2nd time (double pulse)
„
From I
F=1 to IF=4A better behaviour observed of 500V CE
„
I
F > 4A same behaviour
„
Body diode conduction < 2µs before turn-off



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com