Electronic Components Datasheet Search
  English  ▼

X  

ALN1883T2 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ALN1883T2
Description  Internally Matched LNA Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALN1883T2 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ALN1883T2 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALN1883T2 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALN1883T2 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ALN1883T2 Datasheet HTML 4Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
www.asb.co.kr
June 2009
plerow
TM ALN1883T2
Internally Matched LNA Module
1. S-parameter
2. OIP3, P1dB & NF
Note: tested at room temperature.
1. S-parameter
2. OIP3, P1dB & NF
Note: tested at Vs= 5V.
1850 MHz
1882.5 MHz
1915 MHz
S21 (dB)
S11 (dB)
S22 (dB)
S21 (dB)
G/F (dB)
S11 (dB)
S22 (dB)
S21 (dB)
S11 (dB)
S22 (dB)
4.50 V
22.84
-30.67
-20.96
22.59
0.51
-31.11
-18.05
22.33
-29.45
-15.57
4.75 V
22.98
-35.10
-20.65
22.73
0.52
-32.94
-17.78
22.46
-29.60
-15.35
5.00 V
23.08
-38.10
-20.38
22.82
0.51
-33.33
-17.54
22.57
-29.27
-15.20
5.25 V
23.09
-42.00
-19.52
22.84
0.52
-32.73
-17.01
22.57
-28.90
-14.85
5.50 V
23.18
-41.67
-19.03
22.90
0.55
-32.25
-16.61
22.63
-28.45
-14.57
1850 MHz
1882.5 MHz
1915 MHz
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
4.50 V
34.46
21.84
0.583
34.47
22.37
0.589
34.10
22.72
0.592
4.75 V
36.01
22.44
0.577
36.68
22.94
0.580
36.10
23.28
0.598
5.00 V
36.20
23.01
0.590
37.47
23.53
0.585
37.76
23.90
0.602
5.25 V
35.20
23.56
0.595
36.81
24.00
0.579
38.66
24.31
0.604
5.50 V
34.14
24.05
0.603
35.75
24.38
0.616
38.95
24.64
0.604
1850 MHz
1882.5 MHz
1915 MHz
S21 (dB)
S11 (dB)
S22 (dB)
S21 (dB)
G/F (dB)
S11 (dB)
S22 (dB)
S21 (dB)
S11 (dB)
S22 (dB)
-45 °C
23.98
-26.16
-29.45
23.71
0.50
-29.07
-22.29
23.48
-36.03
-17.98
-10 °C
23.52
-27.85
-23.91
23.26
0.50
-31.29
-19.68
23.02
-42.01
-16.45
25 °C
23.09
-28.30
-21.00
22.81
0.50
-32.39
-17.75
22.58
-45.50
-15.44
60 °C
22.77
-28.93
-18.83
22.53
0.51
-32.84
-16.42
22.26
-45.86
-14.51
85 °C
22.37
-28.93
-17.47
22.32
0.50
-33.33
-15.39
21.87
-55.65
-13.83
1850 MHz
1882.5 MHz
1915 MHz
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
-45 °C
37.15
22.83
0.296
36.72
23.27
0.321
38.50
24.27
0.337
-10 °C
36.74
22.90
0.415
37.09
23.35
0.451
37.25
23.65
0.525
25 °C
36.15
23.07
0.540
37.49
23.48
0.534
36.96
23.15
0.573
60 °C
36.74
22.86
0.685
36.56
23.38
0.733
36.25
22.75
0.756
85 °C
35.18
22.40
0.983
35.10
22.79
0.893
34.85
21.42
0.998
RF Performance with Operating Temperature
RF Performance with Voltage Change



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com