Electronic Components Datasheet Search
  English  ▼

X  

2N2907AHR Datasheet(PDF) 5 Page - STMicroelectronics

Part # 2N2907AHR
Description  Hi-Rel 60 V - 0.6 A PNP transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2907AHR Datasheet(HTML) 5 Page - STMicroelectronics

  2N2907AHR Datasheet HTML 1Page - STMicroelectronics 2N2907AHR Datasheet HTML 2Page - STMicroelectronics 2N2907AHR Datasheet HTML 3Page - STMicroelectronics 2N2907AHR Datasheet HTML 4Page - STMicroelectronics 2N2907AHR Datasheet HTML 5Page - STMicroelectronics 2N2907AHR Datasheet HTML 6Page - STMicroelectronics 2N2907AHR Datasheet HTML 7Page - STMicroelectronics 2N2907AHR Datasheet HTML 8Page - STMicroelectronics 2N2907AHR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2N2907AHR
Electrical characteristics
Doc ID 15382 Rev 3
5/16
2.2
ESCC electrical characteristics
Cibo
Output capacitance
(IE = 0)
VEB = 2 V
100 kHz
≤ f ≤1 MHz
-30
pF
ton
Turn-on time
VCC = 30 V
IC = 150 mA
IB1 = 15 mA
-45
ns
toff
Turn-off time
VCC = 30 V
IC = 150 mA
IB1 = -IB2 = 15 mA
-
300
ns
1.
Pulsed duration = 300 µs, duty cycle
≤ 2 %
Table 4.
JANS electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Table 5.
ESCC electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICBO
Collector cut-off
current (IE = 0)
VCB = 50 V
VCB= 50 V
Tamb = 150 °C
-
10
10
nA
µA
V(BR)CBO
Collector-base
breakdown voltage
(IE = 0)
IC = 10 µA
60
-
V
V(BR)CEO
(1)
1.
Pulsed duration = 300 µs, duty cycle
≤ 2 %
Collector-emitter
breakdown voltage
(IB = 0)
IC = 10 mA
60
-
V
V(BR)EBO
Emitter-base
breakdown voltage
(IC = 0)
IE = 10 µA
5
-
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = 150 mA
IB = 15 mA
-
0.4
V
VBE(sat)
(1)
Base-emitter
saturation voltage
IC = 150 mA
IB = 15 mA
0.87
1.3
V
hFE
(1)
DC current gain
IC = 0.1 mA
VCE = 10 V
IC = 10 mA
VCE = 10 V
IC = 150 mA
VCE = 10 V
IC = 500 mA
VCE = 10 V
75
100
100
50
-
300
hfe
Small signal current
gain
VCE = 20 V
IC = 20 mA
f = 100 MHz
2-
Cobo
Output capacitance
(IE = 0)
VCB = 10 V
100 kHz
≤ f ≤1 MHz
-8
pF
ton
Turn-on time
VCC = 30 V
IC = 150 mA
IB1 = 15 mA
-45
ns
toff
Turn-off time
VCC = 30 V
IC = 150 mA
IB1 = -IB2 = 15 mA
-
300
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com