Electronic Components Datasheet Search
  English  ▼

X  

2N5153HR Datasheet(PDF) 3 Page - STMicroelectronics

Part # 2N5153HR
Description  Hi-Rel PNP bipolar transistor 80 V - 5 A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N5153HR Datasheet(HTML) 3 Page - STMicroelectronics

  2N5153HR Datasheet HTML 1Page - STMicroelectronics 2N5153HR Datasheet HTML 2Page - STMicroelectronics 2N5153HR Datasheet HTML 3Page - STMicroelectronics 2N5153HR Datasheet HTML 4Page - STMicroelectronics 2N5153HR Datasheet HTML 5Page - STMicroelectronics 2N5153HR Datasheet HTML 6Page - STMicroelectronics 2N5153HR Datasheet HTML 7Page - STMicroelectronics 2N5153HR Datasheet HTML 8Page - STMicroelectronics 2N5153HR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2N5153HR
Electrical characteristics
Doc ID 15386 Rev 3
3/10
2
Electrical characteristics
Tcase = 25 °C unless otherwise specified
Table 5.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICES
Collector cut-off
current (IE = 0)
VCB = - 60 V
VCB = - 60 V
Tamb = 150 °C
-1
-10
µA
µA
IEBO
Emitter cut-off current
(IC = 0)
VEB = - 4 V
VEB = - 5.5 V
-1
-1
µA
mA
ICEO
Collector cut-off
current (IB = 0)
VCE = - 40 V
-50
µA
V(BR)CEO
(1)
1.
Pulsed duration = 300 µs, duty cycle
≤ 1.5%
Collector-emitter
breakdown voltage
(IB = 0)
IC = - 100 mA
-80
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = - 5 A
IB = - 0.5 A
-1.5
V
VBE(sat)
(1)
Base-emitter
saturation voltage
IC = - 2.5 A
IB = - 0.25 A
IC = - 5 A
IB = - 0.5 A
-1.45
-2.2
V
V
hFE
(1)
DC current gain
IC = - 50 mA
VCE = - 5 V
IC = - 2.5 A
VCE = - 5 V
IC = - 5 A
VCE = - 5 V
IC = - 2.5 A
VCE = - 5 V
Tamb = - 55 °C
50
70
40
35
200
hfe
AC forward current
transfer ratio
VCE = - 5 V
IC = - 500 mA
f = 20 MHz
3.5
COBO
Output capacitance
IE = 0
VCB = - 10 V
f = 1 MHz
250
pF
ton
Turn-on time
VCC = - 30 V
VBB = - 4 V
Vin
≅ - 51 V
IC = 5 A
IB1 = - IB2 = - 0.5 A
0.5
µs
toff
Turn-off time
VCC = - 30 V
VBB = - 4 V
Vin
≅ - 51 V
IC = - 5 A
IB1 = - IB2 = - 0.5 A
1.3
µs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com