Electronic Components Datasheet Search
  English  ▼

X  

54ACT174 Datasheet(PDF) 11 Page - STMicroelectronics

Part # 54ACT174
Description  Rad-hard advanced high-speed 5 V CMOS logic series
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54ACT174 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button 54ACT174 Datasheet HTML 7Page - STMicroelectronics 54ACT174 Datasheet HTML 8Page - STMicroelectronics 54ACT174 Datasheet HTML 9Page - STMicroelectronics 54ACT174 Datasheet HTML 10Page - STMicroelectronics 54ACT174 Datasheet HTML 11Page - STMicroelectronics 54ACT174 Datasheet HTML 12Page - STMicroelectronics 54ACT174 Datasheet HTML 13Page - STMicroelectronics 54ACT174 Datasheet HTML 14Page - STMicroelectronics 54ACT174 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
54ACxxxx, 54ACTxxxx
Package mechanical data
Doc ID 17352 Rev 3
11/28
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
Figure 2.
Ceramic Flat-14 package outline
Note:
The upper metallic lid is not electrically connected to any pins, nor to the IC die inside the
package. Connecting unused pins or metal lid to ground or to the power supply will not affect
the electrical characteristics.
016029E
1
7
8
14
F
G
D
H
A
B
M
N
H
C
L
E
Table 6.
Ceramic Flat-14 package mechanical data
Symbol
Dimensions (mm)
Min.
Typ.
Max.
A
6.75
6.91
7.06
B
9.76
9.95
10.14
C
1.49
1.95
D
0.10
0.127
0.15
E
7.50
7.62
7.75
F
1.27
G
0.38
0.43
0.48
H
6.0
L
18.75
22.0
M
0.38
N
4.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com