Electronic Components Datasheet Search
  English  ▼

X  

LMV393 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LMV393
Description  General-purpose low voltage comparators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMV393 Datasheet(HTML) 1 Page - STMicroelectronics

  LMV393_11 Datasheet HTML 1Page - STMicroelectronics LMV393_11 Datasheet HTML 2Page - STMicroelectronics LMV393_11 Datasheet HTML 3Page - STMicroelectronics LMV393_11 Datasheet HTML 4Page - STMicroelectronics LMV393_11 Datasheet HTML 5Page - STMicroelectronics LMV393_11 Datasheet HTML 6Page - STMicroelectronics LMV393_11 Datasheet HTML 7Page - STMicroelectronics LMV393_11 Datasheet HTML 8Page - STMicroelectronics LMV393_11 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
December 2011
Doc ID 16866 Rev 3
1/17
17
LMV331, LMV393, LMV339
General-purpose low voltage comparators
Features
■ Supply operation from 2.7 to 5 V
■ Low current consumption: 20
μA
■ Input common mode range includes ground
■ Wide temperature range: -40°C to +85°C
■ Low output saturation voltage
■ Propagation delay: 200 ns
■ Open drain output
■ ESD tolerance: 2 kV HBM / 200 V MM
■ SMD packages
Applications
■ Mobile phones
■ Notebooks and PDAs
■ Battery supplied electronics
■ General-purpose portable devices
■ General-purpose low voltage applications
Description
The LMV331, LMV393 and LMV339 are the
single/dual/quad and low voltage versions of the
industry standard LM339 and LM393. They can
operate with a supply voltage ranging from 2.7 to
5 V, and exhibit a lower current consumption than
their predecessors LM339 and LM393. These
devices are a perfect choice for low-voltage
applications.
The LMV3xx are available in tiny packages,
making them ideal for applications where space
saving is a constraint.
The devices are designed to operate in the
temperature range of -40°C to +85°C and are
suitable for a variety of applications.
LMV331
SOT23-5 / SC70-5
LMV393
SO-8 / MiniSO-8
LMV339
SO14 / TSSOP14
www.st.com


Similar Part No. - LMV393_11

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LMV393 UTC-LMV393_14 Datasheet
257Kb / 11P
DUAL GENERAL PURPOSE, LOW VOLAGE, COMPARATORS
More results

Similar Description - LMV393_11

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV331 NSC-LMV331 Datasheet
480Kb / 21P
General Purpose, Low Voltage, TinyPack Comparators
logo
Texas Instruments
LMV331 TI-LMV331_11 Datasheet
1Mb / 29P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331-Q1 TI-LMV331-Q1 Datasheet
297Kb / 12P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
logo
Maxim Integrated Produc...
MAX9647 MAXIM-MAX9647_12 Datasheet
2Mb / 11P
General-Purpose, Low-Voltage, Tiny Pack Comparators
Rev 1; 1/12
logo
Texas Instruments
LMV339IPWRG4 TI-LMV339IPWRG4 Datasheet
1Mb / 30P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV393QDR TI-LMV393QDR Datasheet
764Kb / 14P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331 TI1-LMV331_14 Datasheet
1Mb / 31P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331-Q1 TI1-LMV331-Q1_14 Datasheet
779Kb / 15P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331 TI1-LMV331_15 Datasheet
1Mb / 39P
Quad General-purpose Low-voltage Comparators
LMV331-N TI1-LMV331-N_15 Datasheet
1Mb / 38P
General-Purpose, Low-Voltage, Tiny Pack Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com