Electronic Components Datasheet Search
  English  ▼

X  

LMV339IDT Datasheet(PDF) 5 Page - STMicroelectronics

Part # LMV339IDT
Description  General-purpose low voltage comparators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMV339IDT Datasheet(HTML) 5 Page - STMicroelectronics

  LMV339IDT Datasheet HTML 1Page - STMicroelectronics LMV339IDT Datasheet HTML 2Page - STMicroelectronics LMV339IDT Datasheet HTML 3Page - STMicroelectronics LMV339IDT Datasheet HTML 4Page - STMicroelectronics LMV339IDT Datasheet HTML 5Page - STMicroelectronics LMV339IDT Datasheet HTML 6Page - STMicroelectronics LMV339IDT Datasheet HTML 7Page - STMicroelectronics LMV339IDT Datasheet HTML 8Page - STMicroelectronics LMV339IDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
LMV331, LMV393, LMV339
Electrical characteristics
Doc ID 16866 Rev 3
5/17
Table 4.
VCC
+ =+5V, V
CC
-= 0 V, T
amb = +25°C, full VICM range (unless otherwise specified)
(1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIO
Input offset voltage
-40°C < Tamb < +85°C
17
9
mV
ΔVIO
Input offset voltage drift
-40°C < Tamb < +85°C
5
μV/°C
IIB
Input bias current(2)
-40°C < Tamb < +85°C
25
250
400
nA
IIO
Input offset current(2)
-40°C < Tamb < +85°C
250
150
nA
VICM
Common mode input voltage
-0.1
V
4.2
AV
Voltage gain
20
50
V/mV
VOL
Output voltage low
ISINK < 4 mA
-40°C < Tamb < +85°C
50
400
700
mV
ISINK
Output sink current
VOUT < 1.5 V
10
93
mA
ICC
Supply current
No load, output high, VICM = 0 V
-40°C < Tamb < +85°C
25
120
150
μA
IOH
Output current leakage
-40°C < Tamb < +85°C
0.003
1
μA
TPHL
Propagation delay
High to low output level
VICM = 0 V, RL = 5.1 kΩ, CL = 50 pF
Overdrive = 10 mV
Overdrive = 100 mV
375
275
ns
TPLH
Propagation delay
Low to high output level
VICM = 0 V, RL = 5.1 kΩ, CL = 50 pF
Overdrive = 10 mV
Overdrive = 100 mV
550
425
ns
1.
All values over the temperature range are guaranteed through correlation and simulation. No production tests have been
performed at the temperature range limits.
2.
Maximum values include unavoidable inaccuracies of the industrial tests.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com