Electronic Components Datasheet Search
  English  ▼

X  

STPS40100HR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS40100HR
Description  Aerospace 2 x 20 A - 100 V Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40100HR Datasheet(HTML) 1 Page - STMicroelectronics

  STPS40100HR Datasheet HTML 1Page - STMicroelectronics STPS40100HR Datasheet HTML 2Page - STMicroelectronics STPS40100HR Datasheet HTML 3Page - STMicroelectronics STPS40100HR Datasheet HTML 4Page - STMicroelectronics STPS40100HR Datasheet HTML 5Page - STMicroelectronics STPS40100HR Datasheet HTML 6Page - STMicroelectronics STPS40100HR Datasheet HTML 7Page - STMicroelectronics STPS40100HR Datasheet HTML 8Page - STMicroelectronics STPS40100HR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
March 2010
Doc ID 17306 Rev 1
1/9
9
STPS40100HR
Aerospace 2 x 20 A - 100 V Schottky rectifier
Features
Forward current: 2 x 20 A
Repetitive peak voltage: 100 V
Low forward voltage drop: 0.9 V
Maximum junction temperature: 175 °C
Negligible switching losses
Low capacitance
High reverse avalanche surge capability
Hermetic packages
Target radiation qualification:
– 150 krad (Si) low dose rate
– 1 Mrad high dose rate
ESCC qualified
Description
This power Schottky rectifier is designed and
packaged to comply with the ESCC5000
specification for aerospace products. Housed in
hermetically sealed packages both surface mount
and through hole, it is ideal for use in applications
for aerospace and other harsh environments.
The STPS40100HR is intended for use in medium
voltage application and particularly, in high
frequency circuits where low switching losses and
low noise are required.
TO-254
Table 1.
Device summary
Order code
ESCC detailed
specification
Quality level
Configuration
Package
Mass
EPPL
STPS40100C2FSY1
-
Engineering
model
Double die,
common cathode
pin 2
T0-254
10.0 g
-
STPS40100C2FSYHR
5106/019/01
ESCC flight
Y
www.st.com


Similar Part No. - STPS40100HR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS40120C STMICROELECTRONICS-STPS40120C Datasheet
106Kb / 8P
Power Schottky rectifier
01-Dec-2006
STPS40120C STMICROELECTRONICS-STPS40120C Datasheet
209Kb / 11P
120 V power Schottky rectifier
21-Jun-2018
STPS40120CR STMICROELECTRONICS-STPS40120CR Datasheet
106Kb / 8P
Power Schottky rectifier
01-Dec-2006
STPS40120CT STMICROELECTRONICS-STPS40120CT Datasheet
106Kb / 8P
Power Schottky rectifier
01-Dec-2006
STPS40120CT STMICROELECTRONICS-STPS40120CT Datasheet
209Kb / 11P
120 V power Schottky rectifier
21-Jun-2018
More results

Similar Description - STPS40100HR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40CPQ035PBF VISHAY-40CPQ035PBF Datasheet
122Kb / 6P
Schottky Rectifier, 2 x 20 A
13-Aug-08
40CPQ050 VISHAY-40CPQ050 Datasheet
120Kb / 6P
Schottky Rectifier, 2 x 20 A
21-Aug-08
40CPQ080G VISHAY-40CPQ080G Datasheet
113Kb / 6P
Schottky Rectifier, 2 x 20 A
21-Aug-08
40CPQ080GPBF VISHAY-40CPQ080GPBF Datasheet
116Kb / 6P
Schottky Rectifier, 2 x 20 A
13-Aug-08
40CPQ080PBF VISHAY-40CPQ080PBF Datasheet
119Kb / 6P
Schottky Rectifier, 2 x 20 A
13-Aug-08
40CTQ045PBF VISHAY-40CTQ045PBF Datasheet
118Kb / 6P
Schottky Rectifier, 2 x 20 A
13-Aug-08
40L15CTSPBF VISHAY-40L15CTSPBF Datasheet
129Kb / 6P
Schottky Rectifier, 2 x 20 A
13-Aug-08
logo
STMicroelectronics
STPS1045HR STMICROELECTRONICS-STPS1045HR Datasheet
75Kb / 8P
Aerospace 2 x 10 A - 45 V Schottky rectifier
16-Jun-2010
STPS6045HR STMICROELECTRONICS-STPS6045HR Datasheet
80Kb / 8P
Aerospace 2 x 30 A - 45 V Schottky rectifier
03-Nov-2010
STPS20100HR STMICROELECTRONICS-STPS20100HR Datasheet
91Kb / 10P
Aerospace 1 x 20 and 2 x 20 A - 100 V Schottky rectifier
25-Mar-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com