Electronic Components Datasheet Search
  English  ▼

X  

STRH40P10 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STRH40P10
Description  Rad-Hard P-channel 100 V, 34 A Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRH40P10 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STRH40P10 Datasheet HTML 6Page - STMicroelectronics STRH40P10 Datasheet HTML 7Page - STMicroelectronics STRH40P10 Datasheet HTML 8Page - STMicroelectronics STRH40P10 Datasheet HTML 9Page - STMicroelectronics STRH40P10 Datasheet HTML 10Page - STMicroelectronics STRH40P10 Datasheet HTML 11Page - STMicroelectronics STRH40P10 Datasheet HTML 12Page - STMicroelectronics STRH40P10 Datasheet HTML 13Page - STMicroelectronics STRH40P10 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Electrical characteristics (curves)
STRH40P10
10/18
Doc ID 18354 Rev 6
4
Electrical characteristics (curves)
Figure 4.
Safe operating area
Figure 5.
Thermal impedance
Figure 6.
Output characteristics
Figure 7.
Transfer characteristics
Figure 8.
Gate charge vs gate-source voltage Figure 9.
Capacitance variations
ID
100
10
1
0.1
0.1
1
100
VDS(V)
10
(A)
Operation in this area is
Limited by max RDS(on)
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Sinlge
pulse
DC operation
HV32530v1
ID
60
40
20
0
0
10
VDS(V)
15
(A)
5
4 V
80
100
5 V
VGS= 12 V
120
140
HV32500v1
ID
60
40
20
0
0
4
VGS(V)
8
(A)
2
6
10
80
100
Vds = 3 V
TJ = 150 °C
TJ = -55 °C
TJ = 25 °C
HV32505v1
-VGS
6
4
2
0
0
20
Qg(nC)
(V)
8
60
10
VDD=50 V
100
140
ID= -34 A
ID= -17 A
ID= -8.5 A
HV32510v1
C
3100
2100
1100
100
0
40
VDS(V)
(pF)
20
4100
60
Ciss
Coss
Crss
5100
6100
80
HV32520v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com