Electronic Components Datasheet Search
  English  ▼

X  

STRH100N6 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STRH100N6
Description  Rad-Hard N-channel, 60 V, 80 A Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRH100N6 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STRH100N6 Datasheet HTML 4Page - STMicroelectronics STRH100N6 Datasheet HTML 5Page - STMicroelectronics STRH100N6 Datasheet HTML 6Page - STMicroelectronics STRH100N6 Datasheet HTML 7Page - STMicroelectronics STRH100N6 Datasheet HTML 8Page - STMicroelectronics STRH100N6 Datasheet HTML 9Page - STMicroelectronics STRH100N6 Datasheet HTML 10Page - STMicroelectronics STRH100N6 Datasheet HTML 11Page - STMicroelectronics STRH100N6 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Radiation characteristics
STRH100N6
8/18
Doc ID 18353 Rev 3
Single event effect, SOA
The technology of the STMicroelectronics Rad-Hard Power MOSFETs is extremely resistant
to heavy ion environment for single event effect (irradiation per MIL-STD-750E, method
1080 bias circuit in
Figure 3: Single event effect, bias circuit) SEB and SEGR tests have
been performed with a fluence of 3e+5 ions/cm².
The accept/reject criteria are:
●
SEB test: drain voltage checked, trigger level is set to Vds = - 2 V. Stop condition: as
soon as a SEB occurs or if the fluence reaches 3e+5 ions/cm².
●
SEGR test: the gate current is monitored every 100 ms. A gate stress is performed
before and after irradiation. Stop condition: as soon as the gate current reaches 1 mA
(during irradiation or during PIGS test) or if the fluence reaches 3e+5 ions/cm².
The results are:
–
no SEB
–
SEGR test produces the following SOA (see
Table 12: Single event effect (SEE),
safe operating area (SOA) and Figure 2: Single event effect, SOA)
Table 11.
Source drain diode post-irradiation @ TJ= 25 °C, (Co60
γ rays 70 K
Rad(Si))(1)
1.
Refer to
Figure 16.
Symbol
Parameter
Test conditions
Drift values
∆.Unit
VSD
(2)
2.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 50 A, VGS = 0
± 5%
V
Table 12.
Single event effect (SEE), safe operating area (SOA)
Ion Let (Mev/(mg/cm2)
Energy
(MeV)
Range
(µm)
VDS (V)
@VGS=0 @VGS= -2 V @VGS= -5 V @VGS= -10 V @VGS= -20 V
Kr
32
768
94
60
48
39
27
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com