Electronic Components Datasheet Search
  English  ▼

X  

GC3008 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # GC3008
Description  Single ratio (see schematic), thru-hole package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

GC3008 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  GC3008 Datasheet HTML 1Page - MPS Industries, Inc. GC3008 Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• Meets MIL-STD-1553 applications
• Single ratio (see schematic), thru-hole package
• Level C - for high reliability commercial and
industrial applications
• Also available in Level M and T (see website)
• Package A is 4-lead; package B is 6-lead (center tap)
• Applicable specifications:
MIL-STD-1553B
MIL-STD-202
ISO 9001:2008
Product performance is limited to specified parameter. Data is subject to change without prior notice.
Summary Performance Specifications
Impedance
(see talbel below)
Droop
20%
Overshoot
±1V Max
Common Mode Reject (CME)
45dB
Frequency Range (no load)
75kHz to 1 MHz
Operating Temperature Range
-55°C to 130 °C
Weight
5grams
Insulation Resistance
10K MW@250Vdc
Dielectirc Withstanding Voltage
100Vrms
DATA BUS INTERFACE
PULSE TRANSFORMER
13200 Estrella Ave., Bldg. B
Tel: (310) 325-1043
www.mpsind.com
Gardena, CA 90248
Fax: (310) 325-1044
sales@mpsind.com
GC300X
0903AL
ELECTRICAL SPECIFICATION @ 25°C
MPS
MILITARY
TURNS RATIOS
DCR
INPEDANCE
DIMENSION
PART NUMBER
DESIGNATION
±3%
W
Max
W
Min
NUMBER
Pri: Sec
GC3005
M21038/27-05C
1 : 1.41
1-2 2.2
4-3 2.7
4-3 3K
A
GC3006
M21038/27-06C
1CT : 1CT
1-5 2.5
6-2 2.8
6-2 3k
B
GC3007
M21038/27-07C
1CT : 1.41CT
1-5 2.2
6-2 2.7
6-2 3k
B
GC3008
M21038/27-08C
1CT : 1.661CT
1-5 1.5
6-2 2.4
6-2 3k
B
GC3009
M21038/27-09C
1CT : 2CT
1-5 1.3
6-2 2.6
6-2 3k
B
GC3028
M21038/27-28C
1CT : 1.5CT
1-3 0.9
6-2 2.5
6-2 3k
B
GC3029
M21038/27-29C
1CT : 1.79CT
1-5 0.9
6-2 2.5
6-2 3k
B
GC3030
M21038/27-30C
1CT : 2.5CT
1-5 1.0
6-2 2.8
6-2 3k
B


Similar Part No. - GC3008

ManufacturerPart #DatasheetDescription
logo
Whirlpool.
GC3000XE WHIRLPOOL-GC3000XE Datasheet
33Kb / 1P
Food-Waste Disposer
01-08-04
logo
Goford Semiconductor
GC300N65F GOFORD-GC300N65F Datasheet
913Kb / 6P
N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - GC3008

ManufacturerPart #DatasheetDescription
logo
Knox Semiconductor, Inc
TMV1401 KNOX-TMV1401 Datasheet
34Kb / 1P
SILICON HIGH RATIO PLASTIC THRU HOLE VARACTORS
logo
NEC
NE32900 NEC-NE32900 Datasheet
23Kb / 1P
SCHEMATIC
logo
Continental Device Indi...
TO-220FP CDIL-TO-220FP Datasheet
233Kb / 5P
Thru-hole Fully Isolated Plastic Package
logo
PowerVolt Inc.
CT0025-C00 POWERVOLT-CT0025-C00 Datasheet
157Kb / 1P
Schematic
CT0025-F00 POWERVOLT-CT0025-F00 Datasheet
165Kb / 1P
Schematic
logo
MPS Industries, Inc.
GM300X MPSIND-GM300X Datasheet
149Kb / 2P
Single ratio (see schematic), thru-hole package
GT300X MPSIND-GT300X Datasheet
129Kb / 2P
Single ratio (see schematic), thru-hole package
logo
Bud Industries, Inc.
V-9770-L BUD-V-9770-L Datasheet
59Kb / 1P
SEE-THRU DOOR
logo
Pulse A Technitrol Comp...
ST4202TNL PULSE-ST4202TNL Datasheet
156Kb / 3P
SCHEMATIC
logo
AVX Corporation
709177001691006 AVX-709177001691006 Datasheet
622Kb / 5P
Single Thru Hole IDC Contact
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com