Electronic Components Datasheet Search
  English  ▼

X  

ASX602 Datasheet(PDF) 12 Page - Advanced Semiconductor Business Inc.

Part # ASX602
Description  400-3000 MHz MMIC Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX602 Datasheet(HTML) 12 Page - Advanced Semiconductor Business Inc.

Back Button ASX602 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX602 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX602 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX602 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASX602 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASX602 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASX602 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASX602 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASX602 Datasheet HTML 14Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12/14
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
December 2010
ASX602
400-3000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +12 dBm/tone se-
parated by 1 MHz.
Board Layout (FR4, 40x40 mm
2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
2400 MHz
+5 V
Frequency (MHz)
2400
Magnitude S21 (dB)
8.9
Magnitude S11 (dB)
-9
Magnitude S22 (dB)
-14
Output P1dB (dBm)
32.5
Output IP3
1) (dBm)
43.5
Noise Figure (dB)
5.7
Device Voltage (V)
5
Current (mA)
580
C1=100 pF
Vcc=5 V
RF IN
RF OUT
C6=100 pF
ASX602
C2=100 pF
C7=1 mF
C3=1 pF
C5=2.2 pF
R1=15
kW
C4=1.5
pF
0.5 mm
L1=27 nH
(Coil Inductor)
1800
2000
2200
2400
2600
2800
3000
0
5
10
15
20
Frequency (MHz)
1800
2000
2200
2400
2600
2800
3000
-20
-15
-10
-5
0
Frequency (MHz)
1800
2000
2200
2400
2600
2800
3000
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com