Electronic Components Datasheet Search
  English  ▼

X  

CXD3607R Datasheet(PDF) 5 Page - Sony Corporation

Part # CXD3607R
Description  Timing Generator for Progressive Scan CCD Image Sensor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3607R Datasheet(HTML) 5 Page - Sony Corporation

  CXD3607R Datasheet HTML 1Page - Sony Corporation CXD3607R Datasheet HTML 2Page - Sony Corporation CXD3607R Datasheet HTML 3Page - Sony Corporation CXD3607R Datasheet HTML 4Page - Sony Corporation CXD3607R Datasheet HTML 5Page - Sony Corporation CXD3607R Datasheet HTML 6Page - Sony Corporation CXD3607R Datasheet HTML 7Page - Sony Corporation CXD3607R Datasheet HTML 8Page - Sony Corporation CXD3607R Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
– 5 –
CXD3607R
Pin
No.
Symbol
I/O
Description
36
37
38
39
40
41
42
43
44
45
46
47
48
VSS3
VM
V1
V4
V2A
VH
V2B
NC
NC
VL
NC
V3
SUB
—
—
O
O
O
—
O
—
—
—
—
O
O
GND (GND for common logic block)
GND (GND for vertical driver)
CCD vertical register clock output.
CCD vertical register clock output.
CCD vertical register clock output.
15.0V power supply. (Power supply for vertical driver)
CCD vertical register clock output.
(Leave open.)
(Leave open.)
–7.0V power supply. (Power supply for vertical driver)
(Leave open.)
CCD vertical register clock output.
CCD electronic shutter pulse output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com