Electronic Components Datasheet Search
  English  ▼

X  

CXG1008N Datasheet(PDF) 5 Page - Sony Corporation

Part # CXG1008N
Description  High Isolation SPDT Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1008N Datasheet(HTML) 5 Page - Sony Corporation

  CXG1008N Datasheet HTML 1Page - Sony Corporation CXG1008N Datasheet HTML 2Page - Sony Corporation CXG1008N Datasheet HTML 3Page - Sony Corporation CXG1008N Datasheet HTML 4Page - Sony Corporation CXG1008N Datasheet HTML 5Page - Sony Corporation CXG1008N Datasheet HTML 6Page - Sony Corporation CXG1008N Datasheet HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
—5—
CXG1008N
ESD Precautions
As this is a GaAs MMIC, ESD precautions must be adhered to, as outlined sony’s standard Data Book.
Please contact Sony if detailed ESD performance data is required.
Absolute Maximum Ratings (Ta=25 °C)
• Control voltage
Vctl
6
V
• Operating temperature
Topr
–35 to +85
°C
• Storage temperature
Tstg
–65 to +150
°C
• Input Power
Pin
30
dBm
Tape and Reel Information
This device is available in Tape and Reel. Order CXG1008N-T4
Reel Quantity: 1000 pieces/reel
Reel Dimensions: 254 mm plastic reel: 16 mm width embossed taping.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com