Electronic Components Datasheet Search
  English  ▼

X  

CXG1008 Datasheet(PDF) 6 Page - Sony Corporation

Part # CXG1008
Description  High Isolation SPDT Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1008 Datasheet(HTML) 6 Page - Sony Corporation

  CXG1008 Datasheet HTML 1Page - Sony Corporation CXG1008 Datasheet HTML 2Page - Sony Corporation CXG1008 Datasheet HTML 3Page - Sony Corporation CXG1008 Datasheet HTML 4Page - Sony Corporation CXG1008 Datasheet HTML 5Page - Sony Corporation CXG1008 Datasheet HTML 6Page - Sony Corporation CXG1008 Datasheet HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
—6—
CXG1008N
Sony GSM Lineup
SGM2016AM-21-T7
HP ANT
LNA
IT362/IT402
IT363/IT403
IT413
RX
PLL1
PLL2
90MHz
SAW
CXG1037FN GSM1800/1900
I
Q
AD
I
Q
DA
DSP
Speech
Codec
Sony IC
Flash
MCU
RX
TX
CAR ANT
CXA3021R
TX
SRAM
64K
16
×
CXG1017N GSM900/1800/1900
CXG1045N GSM900/1800/1900
SPDT Antenna Switches
CXG1028ATN GSM900/1800/1900
CXG1006N
GSM1800/1900



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com