Electronic Components Datasheet Search
  English  ▼

X  

ACE722 Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE722
Description  2A Step-down DC-DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE722 Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE722 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE722 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE722 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE722 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE722 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE722 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE722 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE722 Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ACE722
2A Step-down DC-DC Converter
VER1.6
5
Demo Board Measurement
Efficiency vs. Load Current (VOUT=5V)
Load Regulation (VOUT=5V)
Load Current (mA)
Load Current (mA)
CE Pin Bias Current vs. CE Pin Voltage
Feedback Voltage vs. Supply Voltage
CE Pin Voltage (V)
Supply Voltage (V)
Quiesent Current vs. Supply Voltage
Supply Current vs. Supply Voltage
(VCE=0V)
(VFB=1.3V, VCE=VIN)
Supply Voltage (V)
Supply Voltage (V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com