Electronic Components Datasheet Search
  English  ▼

X  

CXG1013N Datasheet(PDF) 5 Page - Sony Corporation

Part # CXG1013N
Description  1.7 to 2.0 GHz Low Noise Amplifier/Down Conversion Mixer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1013N Datasheet(HTML) 5 Page - Sony Corporation

  CXG1013N Datasheet HTML 1Page - Sony Corporation CXG1013N Datasheet HTML 2Page - Sony Corporation CXG1013N Datasheet HTML 3Page - Sony Corporation CXG1013N Datasheet HTML 4Page - Sony Corporation CXG1013N Datasheet HTML 5Page - Sony Corporation CXG1013N Datasheet HTML 6Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
—5—
CXG1013N
Example of Representative Characteristics (Ta=25 °C)
0
-10
-20
-30
-40
-90
-70
-50
-30
-10
10
5
-5
-15
-25
-35
-90
-70
-50
-30
-10
10
5
0
-5
-10
-15
-20
-25
0
2
4
6
8
10
5
7
9
11
13
15
5
0
-5
-10
-15
-20
-25
-6
-4
-2
0
2
4
-30
-25
-20
-15
-10
-5
LNA block POUT,IM3 VS. PIN
MIX block POUT,IM3 VS. PIN
MIX block GC,NF VS. PLO
MIX block IIP3,PLK VS. PLO
PIN-RF input power (dBm)
PLO-LO input power (dBm)
PLO-LO input power (dBm)
Gc
NF
VDD=3.0V
fRF=1.9GHz
fLO=1.66GHz
VDD=3.0V
fRF=1.9GHz
fLO=1.66GHz
IIP3
PLK
VDD=3.0V
fRF1=1.9GHz
fRF2=1.9006GHz
fLO=1.66GHz
PLO=-12dBm
VDD=3.0V
fRF1=1.9GHz
fRF2=1.9006GHz
POUT
IM3
POUT
IM3
PIN-RF input power (dBm)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com