Electronic Components Datasheet Search
  English  ▼

X  

CXG1015N Datasheet(PDF) 5 Page - Sony Corporation

Part # CXG1015N
Description  Power Amplifier/Antenna Switch for PHS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1015N Datasheet(HTML) 5 Page - Sony Corporation

  CXG1015N Datasheet HTML 1Page - Sony Corporation CXG1015N Datasheet HTML 2Page - Sony Corporation CXG1015N Datasheet HTML 3Page - Sony Corporation CXG1015N Datasheet HTML 4Page - Sony Corporation CXG1015N Datasheet HTML 5Page - Sony Corporation CXG1015N Datasheet HTML 6Page - Sony Corporation CXG1015N Datasheet HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
—5—
CXG1015N
Recommended External Circuit
Example of Representative Characteristics (Ta=25 °C)
Antenna Switch Receive Block
1nF
18nH
1nF
2.2nH
30pF
18nH
1nF
10nF
30pF
VDD1
VDD2
VDD3
PAIN
RX
VCTL2
100pF
1
2
3
4
5
6
7
8
9
10
100pF
1k
Ω
1pF 2.2nH
30pF
100pF
30pF
VPCTL
VGG2
VCTL1
ANT
(VGG1)
(PAOUT)
(TX)
19
18
17
16
15
14
13
12
11
20
1.8nH
0
1
2
3
Frequency (GHz)
0
–10
–20
–30
–40
–50
0
–1
–2
–3
–4
–5
IL, Iso. vs. Freq.
IL
Iso.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com