Electronic Components Datasheet Search
  English  ▼

X  

CXG1017N Datasheet(PDF) 5 Page - Sony Corporation

Part # CXG1017N
Description  GSM1800/1900 DPDT TX/RX Antenna Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1017N Datasheet(HTML) 5 Page - Sony Corporation

  CXG1017N Datasheet HTML 1Page - Sony Corporation CXG1017N Datasheet HTML 2Page - Sony Corporation CXG1017N Datasheet HTML 3Page - Sony Corporation CXG1017N Datasheet HTML 4Page - Sony Corporation CXG1017N Datasheet HTML 5Page - Sony Corporation CXG1017N Datasheet HTML 6Page - Sony Corporation CXG1017N Datasheet HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
– 5 –
CXG1017N
<For Europe and America>
ESD Precautions
As this is a GaAs MMIC, ESD precautions must be adhered to, as outlined in at standard Data Book.
Please contact Sony if detailed ESD performance data is required.
Configuration of External Logic Circuitry
For most portable appplicaitons, the following logic states are normally available.:
1. TX ON/OFF
2. RX ON/OFF
3. INT/EXT ANT.
A simple Logic circuit, using EXOR gates may be used to drive the CXG1017N. The following is a suggested
schematic:
CTLA
CTLB
TX ON/OFF
RX ON/OFF
INT/EXT ANT
A = TX ON/OFF
B = INT/EXT ANT
Port1 : INT ANT
Port2 : RX LNA
Port3 : EXT ANT
Port4 : TX PA
Assumed
Tape and Reel Information
This device is available in Tape and Reel. Order CXG1017N-T4
Reel Quantity: 1000 pieces/reel
Reel Dimensions: 245mm. There are detailed on Page 1-112 of the package manual 93.
Absolute Maximum Ratings (Ta = 25°C)
• Control voltage
Vctl
7
V
• Operating temperature
Topr
–30 to +85
°C
• Storage temperature
Tstg
–65 to +150
°C
• Input Power
Pin
37
dBm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com