Electronic Components Datasheet Search
  English  ▼

X  

L5958 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L5958
Description  Multifunction voltage regulator for car radio
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5958 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L5958 Datasheet HTML 11Page - STMicroelectronics L5958 Datasheet HTML 12Page - STMicroelectronics L5958 Datasheet HTML 13Page - STMicroelectronics L5958 Datasheet HTML 14Page - STMicroelectronics L5958 Datasheet HTML 15Page - STMicroelectronics L5958 Datasheet HTML 16Page - STMicroelectronics L5958 Datasheet HTML 17Page - STMicroelectronics L5958 Datasheet HTML 18Page - STMicroelectronics L5958 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
L5958
Electrical specifications
Doc ID 17716 Rev 1
15/20
Figure 7.
Reset and BU1 backup diagram
Figure 8.
BU2 backup diagram
Figure 9.
Maximum ESR for stability (valid for all the regulator outputs)
14 V
3 V
RESET
CDELAY
AC00598
Vin1
BU1
t
t
t
t
t
1.80 V
1.76 V
1.74 V
REG6
3.30 V
3.20 V
3.15 V
REG5
14 V
AC00599
Vin1
BU2
t
t
t
1.80 V
REG4
3.30 V
REG3
ESR
[
Ω ]
Maximum ESR
Minimum ESR
Stable region
AC00600
100
10
1
0.1
100
C [ µF ]
20
15
10
5
50m
Ω
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com