Electronic Components Datasheet Search
  English  ▼

X  

L5962TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # L5962TR
Description  Multiple linear/switching voltage regulator for car-radio
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5962TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L5962TR Datasheet HTML 5Page - STMicroelectronics L5962TR Datasheet HTML 6Page - STMicroelectronics L5962TR Datasheet HTML 7Page - STMicroelectronics L5962TR Datasheet HTML 8Page - STMicroelectronics L5962TR Datasheet HTML 9Page - STMicroelectronics L5962TR Datasheet HTML 10Page - STMicroelectronics L5962TR Datasheet HTML 11Page - STMicroelectronics L5962TR Datasheet HTML 12Page - STMicroelectronics L5962TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
L5962
Electrical specification
Doc ID 16819 Rev 2
9/24
3
Electrical specification
3.1
Absolute maximum ratings
3.2
Thermal data
3.3
Electrical characteristics
VBAT= VINSW = VINLR2 = 14.4 V, Tamb = 25 °C unless otherwise specified.
(
Table 3.
Absolute maximum ratings
Pin name/Symbol
Parameter
Value
Unit
VsMAX
Operating supply voltage (VBAT,
VBATP, VINSW, VINLR2)
-0.3 to 27
V
Transient supply voltage (VBAT,
VBATP, VINSW, VINLR2)
-0.3 to 50
V
VpinMAX
Input pin voltage
(EN, RSTDLY, VSTBYSEL, SYNCH,
SCL, SDA, VCMP, VFB, CLIM,
SOST)
-0.3 to 6
V
AGND, PGND,
SUBGND, TAB
Ground pin voltage
-0.3 to +0.3
V
Top
Operating temperature range
-40 to 85
°C
Tstg
Storage temperature range
-55 to 150
°C
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
Rth j-case
Thermal resistance junction-to-case (max)
2
°C/W
Table 5.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Input supplies
Vmin
VBATP operating voltage
-
4.1
-
-
V
Iq
Total quiescent current
EN = 0; IVSTBY=100 µA
@ T = -40 °C
@ 25 °C < T < 85 °C
--
90
75
µA
VOV
Overvoltage shut-down
VBAT rising
27
29
31
V
HYSOV
Hysteresis on VOV
--
400
-
mV
VUV
VBAT undervoltage threshold
VBAT falling;
VBATVW transition to 0 V
77.5
8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com