Electronic Components Datasheet Search
  English  ▼

X  

STA309B Datasheet(PDF) 52 Page - STMicroelectronics

Part # STA309B
Description  Multichannel digital audio processor with FFX짰
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA309B Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STA309B Datasheet HTML 48Page - STMicroelectronics STA309B Datasheet HTML 49Page - STMicroelectronics STA309B Datasheet HTML 50Page - STMicroelectronics STA309B Datasheet HTML 51Page - STMicroelectronics STA309B Datasheet HTML 52Page - STMicroelectronics STA309B Datasheet HTML 53Page - STMicroelectronics STA309B Datasheet HTML 54Page - STMicroelectronics STA309B Datasheet HTML 55Page - STMicroelectronics STA309B Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 66 page
background image
Registers
STA309B
52/66
Doc ID 022570 Rev 2
7.2.60
Channel I2S output mapping channels 7 and 8 (0x3A)
Each I2S output channel can receive data from any channel output of the volume block.
Which channel a particular I2S output receives is dependent upon that channel’s CnOM
register bits.
7.2.61
Coefficient address register 1 (0x3B)
7.2.62
Coefficient address register 2 (0x3C)
7.2.63
Coefficient b1 data register, bits 23:16 (0x3D)
D7
D6
D5
D4
D3
D2
D1
D0
C8OM2
C8M1
C8OM0
C7OM2
C7OM1
C7OM0
11
1
110
CnOM[2:0]
Serial output from
000
Channel 1
001
Channel 2
010
Channel 3
011
Channel 4
100
Channel 5
101
Channel 6
110
Channel 7
111
Channel 8
D7
D6
D5
D4
D3
D2
D1
D0
CFA9
CFA8
00
D7
D6
D5
D4
D3
D2
D1
D0
CFA7
CFA6
CFA5
CFA4
CFA3
CFA2
CFA1
CFA0
00
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
C1B23
C1B22
C1B21
C1B20
C1B19
C1B18
C1B17
C1B16
00
00
00
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66